Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2000 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # SC2000
Description  Universal Timeslot Interchange
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC2000 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button SC2000 Datasheet HTML 32Page - NXP Semiconductors SC2000 Datasheet HTML 33Page - NXP Semiconductors SC2000 Datasheet HTML 34Page - NXP Semiconductors SC2000 Datasheet HTML 35Page - NXP Semiconductors SC2000 Datasheet HTML 36Page - NXP Semiconductors SC2000 Datasheet HTML 37Page - NXP Semiconductors SC2000 Datasheet HTML 38Page - NXP Semiconductors SC2000 Datasheet HTML 39Page - NXP Semiconductors SC2000 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
2000 Sep 07
36
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC2000
Table 13. CLK_IN, SYNC_IN — PEB Network Master Mode (CLK_IN Divider
≥ 2)
Symbol
Parameter
Min
Typ
Max
Unit
t1
CLK_IN period
244
ns
t2
CLK_IN high time
122
ns
t3
CLK_IN low time
122
ns
t4
SYNC_IN low setup to CLK_IN
↓(PEB conventional)
10
ns
t5
SYNC_IN low hold from CLK_IN
↓(PEB conventional)
10
ns
t6
SYNC_IN high setup to CLK_IN
↓(PEB conventional)
10
ns
t7
SYNC_IN high hold from CLK_IN
↓(PEB conventional)
10
ns
t8
SYNC_IN setup to CLK_IN
↓ (ST-BUS)
10
ns
t9
SYNC_IN hold from CLK_IN
↓ (ST-BUS)
10
ns
t10a
CLKR, L_CLKT
↑delay from CLK_IN↑(PEB conventional)
60
ns
t10b
CLKR, L_CLKT
↑delay from CLK_IN↓ (ST-BUS)
60
ns
t11a
CLKR, L_CLKT
↓delay from CLK_IN ↑(PEB conventional)
30
ns
t11b
CLKR, L_CLKT
↓delay from CLK_IN↓ (ST-BUS)
30
ns
t12
FSYNCR, L_FSYNCT
↑delay from CLKR↑
70
ns
t13
FSYNCR, L_FSYNCT
↓delay from CLKR↑
35
ns
t14
MSYNCR
↑delay from CLKR↑
70
ns
t15
MSYNCR
↓delay from CLKR↑
35
ns
t16
L_MSYNCT
↑delay from CLKR↑
70
ns
t17
L_MSYNCT
↓delay from CLKR↑
35
ns
t18
L_MSYNCT
↑delay from MSYNCT↑
60
ns
t19
L_MSYNCT
↓delay from MSYNCT↓
25
ns
Note:
1. Timing measured with 200 pF 220/330
Ωtermination on all PEB outputs. Open collector low to high transitions include 43 ns delay from hi-Z to 2.4 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com