Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2000 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SC2000
Description  Universal Timeslot Interchange
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC2000 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SC2000 Datasheet HTML 5Page - NXP Semiconductors SC2000 Datasheet HTML 6Page - NXP Semiconductors SC2000 Datasheet HTML 7Page - NXP Semiconductors SC2000 Datasheet HTML 8Page - NXP Semiconductors SC2000 Datasheet HTML 9Page - NXP Semiconductors SC2000 Datasheet HTML 10Page - NXP Semiconductors SC2000 Datasheet HTML 11Page - NXP Semiconductors SC2000 Datasheet HTML 12Page - NXP Semiconductors SC2000 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
2000 Sep 07
9
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC2000
Reset (CS_7): Setting this bit to 1 forces
the SC2000 into its reset state, and
initializes all internal registers. This
command reproduces the function
of the RESET pin. Setting this bit to 0
returns the SC2000 to normal operation.
This bit can be read back for verification
purposes.
Internal Registers
The internal registers are accessed by
reads and writes to the Data Registers
using the address held in the Internal
Address Register.
Internal Register Memory Map
Values for
A_7 .. A_0 (H)
Function
R/W
00
.
.
03
Configuration 1
.
.
Configuration 4
R/W
04
Version/Revision
R/W
05
.
.
7F
Reserved
.
.
Reserved
R/W
80
.
.
9F
Destn Routing
.
.
Destn Routing
R/W
A0
.
.
BF
Source Routing
.
.
Source Routing
R/W
C0
.
.
DF
Destn Parallel
.
.
Destn Parallel
R/W
E0
.
.
FF
Source Parallel
.
.
Source Parallel
R/W
Configuration Registers
Configuration Register 1(00H)
Global Output Enable (C_0): Clearing
this bit to 0 forces all outputs to the high
impedance state, with the exception of
the microprocessor interface data bus.
Setting this bit to 1 enables all outputs.
This bit is cleared on RESET.
Expansion Bus Timing Driver
Enable (C_1): When SCbus Mode is
selected (C_4 = 0), clearing this bit to
0 disables the expansion bus timing
drivers.
When PEB Resource Mode is selected
(C_6, C_4 = 01), this bit has no effect.
When PEB Network Mode is selected
(C_6, C_4 = 11), clearing this bit to 0
disables the expansion bus drivers
CLKR, L_CLKT, FSYNCR, L_FSYNCT,
MSYNCR, and L_MSYNCT. Setting this
bit to 1 enables these timing drivers.
This bit is cleared on RESET.
Framing Mode (C_3, C_2): This two-bit
field selects the number of bits per frame
(B/F), time slots per frame (TS/F) and
frames per multi-frame (F/MF) on both
the local and expansion bus.
When SCbus Mode is selected
(C_4 = 0), there is no multi-frame sync
signal available on the expansion bus.
The (00) combination of (C_3, C_2)
is invalid. In this case the internal
multi-frame sync will be free running,
and synchronous to FSYNC.
When PEB Mode is selected (C_4 = 1)
the only valid combinations of (C_3,
C_2) are (00) and (01).
These bits are cleared on RESET.
Expansion Bus Interface Select (C_4):
This bit selects the expansion bus inter-
face operating mode. Clearing this bit to
0 selects SCbus Mode. Setting this bit to
1 selects PEB Mode.
This bit is cleared on RESET.
Configuration Register 1
BIT
Function
0
C_0: Global Output Enable
1
C_1: Expansion Bus Timing
Driver Enable
2
3
C_2: Framing Mode 0
C_3:Framing Mode 1
4
C_4: Expansion Bus
Interface Select
5
C_5: SCbus Loopback Mode
6
7
C_6: PEB module Type 0
C_7:PEB Module Type 1
Note:
Bit 0 is the LSB of the Low Byte
Data Register.
Expansion Bus
C_3, C_2
B/F
TS/F
F/MF
00
193
24
12
01
256
32
16
10
512
64
16
11
1024
128
16
Local Bus
C_3, C_2
B/F
TS/F
F/MF
00
193
24
12
01
256
32
16
10
256
32
16
11
256
32
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com