Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2000 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SC2000
Description  Universal Timeslot Interchange
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC2000 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SC2000 Datasheet HTML 35Page - NXP Semiconductors SC2000 Datasheet HTML 36Page - NXP Semiconductors SC2000 Datasheet HTML 37Page - NXP Semiconductors SC2000 Datasheet HTML 38Page - NXP Semiconductors SC2000 Datasheet HTML 39Page - NXP Semiconductors SC2000 Datasheet HTML 40Page - NXP Semiconductors SC2000 Datasheet HTML 41Page - NXP Semiconductors SC2000 Datasheet HTML 42Page - NXP Semiconductors SC2000 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
2000 Sep 07
39
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC2000
Figure 15. PEB Network Slave
Table 15: PEB Network Slave
Symbol
Parameter
Min
Typ
Max
Unit
t1
CLKT period
488
ns
t2
CLKT high time
244
ns
t3
CLKT low time
244
ns
t4
CLKR, L_CLKT
↑delay from CLKT ↑
60
ns
t5
CLKR, L_CLKT
↓delay from CLKT ↓
25
ns
t6
SYNC_IN low setup to CLKR
0
ns
t7
SYNC_IN low hold from CLKR
20
ns
t8
SYNC_IN high setup to CLKR
0
ns
t9
SYNC_IN high hold from CLKR
20
ns
t10
FSYNCR, L_FSYNCT
↑delay from FSYNCT↑
60
ns
t11
FSYNCR, L_FSYNCT
↓delay from FSYNCT↓
25
ns
t12
MSYNCR
↑delay from MSYNCT↑
60
ns
t13
MSYNCR
↓delay from MSYNCT↓
25
ns
t14
MSYNCR
↑delay from CLKR ↑
70
ns
t15
MSYNCR
↓delay from CLKR ↑
35
ns
t16
L_MSYNCT
↑ delay from MSYNCT ↑
60
ns
t17
L_MSYNCT
↓ delay from MSYNCT ↓
25
ns
Note:
1. Timing measured with 200 pF 220/330
Ω termination on all PEB outputs. Open collector low to high transitions include 43 ns delay from hi-Z to 2.4 V.
t1
t2
t3
t4
t5
t6
t7
t8
t9
t10
t11
t12
t14
t13
t15
t16
t17
CLKT
CLKR, L_CLKT
SYNC_IN
FSYNCT
FSYNCR, L_FSYNCT
MSYNCT
MSYNCR
L_MSYNCT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com