Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2000 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # SC2000
Description  Universal Timeslot Interchange
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC2000 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button SC2000 Datasheet HTML 30Page - NXP Semiconductors SC2000 Datasheet HTML 31Page - NXP Semiconductors SC2000 Datasheet HTML 32Page - NXP Semiconductors SC2000 Datasheet HTML 33Page - NXP Semiconductors SC2000 Datasheet HTML 34Page - NXP Semiconductors SC2000 Datasheet HTML 35Page - NXP Semiconductors SC2000 Datasheet HTML 36Page - NXP Semiconductors SC2000 Datasheet HTML 37Page - NXP Semiconductors SC2000 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
2000 Sep 07
34
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC2000
Figure 12. CLK_IN, SYNC_IN — SCbus Mode (CLK_IN Divider = 1)
Table 12. CLK_IN, SYNC_IN — SCbus Mode (CLK_IN Divider = 1)
Symbol
Parameter
Min
Typ
Max
Unit
t1
CLK_IN period
488
ns
t2
CLK_IN high time
244
ns
t3
CLK_IN low time
244
ns
t4
SYNC_IN low setup to CLK_IN
↓ (PEB conventional)
10
ns
t5
SYNC_IN low hold from CLK_IN
↓ (PEB conventional)
10
ns
t6
SYNC_IN high setup to CLK_IN
↓(PEB conventional)
10
ns
t7
SYNC_IN high hold from CLK_IN
↓ (PEB conventional)
10
ns
t8
SYNC_IN setup to CLK_IN
↓ (ST-BUS)
10
ns
t9
SYNC_IN hold from CLK_IN
↓ (ST-BUS)
10
ns
t10a
SCLK
↑ delay from CLK_IN ↑ (PEB conventional)
25
ns
t10b
SCLK
↑ delay from CLK_IN ↓ (ST-BUS)
25
ns
t11a
SCLK
↓ delay from CLK_IN ↓ (PEB conventional)
25
ns
t11b
SCLK
↓ delay from CLK_IN ↑ (ST-BUS)
25
ns
t12
FSYNC*
↓ delay from SCLK ↓
30
ns
t13
FSYNC*
↑ delay from SCLK ↓
30
ns
Note:
1. Timing measured with 200 pF load on all SCbus outputs.
t1
t2
t3
t1
t2
t3
t4
t5
t6
t7
t8
t9
t10a
t10b
t11a
t11b
t12
t13
CLK_IN (Conventional)
SYNC_IN (Conventional)
CLK_IN (ST-BUS)
SYNC_IN (ST-BUS)
SCLKX2*
SCLK
FSYNC*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com