Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI331MC-DR Datasheet (PDF) - AMI SEMICONDUCTOR

PI331MC-DR Datasheet PDF - AMI SEMICONDUCTOR
Part # PI331MC-DR
Download  PI331MC-DR Download
File Size   630.99 Kbytes
Page   9 Pages
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR
Description 300DPI CIS Two Level Digital Output Module

PI331MC-DR Datasheet (PDF)

Go To PDF Page Download Datasheet
PI331MC-DR Datasheet PDF - AMI SEMICONDUCTOR

Part # PI331MC-DR
Download  PI331MC-DR Click to download

File Size   630.99 Kbytes
Page   9 Pages
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR
Description 300DPI CIS Two Level Digital Output Module

PI331MC-DR Datasheet (HTML) - AMI SEMICONDUCTOR


PI331MC-DR Product details

General Description
The PI331MC-DR is a contact image sensor, CIS, module with an additional on board circuit that digitizes the analog pixels from the CIS image sensor to a “background-tracking”, two-level digital output signals. It is based on CIS module, the PI305M-A6 manufactured by PIC, but with a shorter read length of 89 mm. Hence, its performance is equivalent to the PI305M-A6 that uses MOS image sensor technology to gains its high-speed performance and high sensitivity. The PI331MC-DR is suitable for scanning documents with width of 89 mm and with resolution of 11.8 dots per millimeter. Its has a broad applications, but specially designed for the following areas:

• Where data compression is required, such as in data transmissions.
• Where component pin-out count must be kept to a minimum.

Key Features
• Light source, lens, and sensor are integrated into a single module
• 11.8 dpm resolution, 89 mm scanning length
• Up to 600 msec/line scanning speed, with 2 MHz pixel rate (See Table 3, Note 3.) (Other speeds are also available)
• Wide dynamic range
• Two-Level Tracking Digital Output (“Dynamic Threshold Digitizer”)
• Red light source 660nm (Other colors are available)
• Compact size @ 13 mm x 25.6 mm x 102 mm
• Low power
• Light weight




Similar Part No. - PI331MC-DR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PI3311-00-LGIZ ETC2-PI3311-00-LGIZ Datasheet
2Mb / 42P
8V to 36Vin Cool-Power ZVS B uck Regulator Family
logo
Vicor Corporation
PI3311-00-LGIZ VICOR-PI3311-00-LGIZ Datasheet
3Mb / 42P
8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-00-LGIZ VICOR-PI3311-00-LGIZ Datasheet
2Mb / 42P
8V to 36VIN Cool-Power ZVS Buck Regulator Family
logo
List of Unclassifed Man...
PI3311-01-LGIZ ETC2-PI3311-01-LGIZ Datasheet
2Mb / 42P
8V to 36Vin Cool-Power ZVS B uck Regulator Family
logo
Vicor Corporation
PI3311-01-LGIZ VICOR-PI3311-01-LGIZ Datasheet
2Mb / 26P
8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
More results


Similar Description - PI331MC-DR

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710310 AMI-AMIS-710310 Datasheet
293Kb / 10P
300dpi Two-Level Digital Output Module
AMIS-710317 AMI-AMIS-710317 Datasheet
216Kb / 7P
300dpi CIS Module
AMIS-710324 AMI-AMIS-710324 Datasheet
296Kb / 9P
300dpi CIS Module
AMIS-710330 AMI-AMIS-710330 Datasheet
292Kb / 9P
300dpi CIS Two-Level Digital Output Module
PI214MC-DR AMI-PI214MC-DR Datasheet
603Kb / 8P
200DPI CIS Two Level Digital Output Module
PI216MC-DR AMI-PI216MC-DR Datasheet
625Kb / 9P
200DPI CIS Two Level Digital Output Module
PI310MC-DR AMI-PI310MC-DR Datasheet
652Kb / 10P
300DPI CIS Two Level Digital Output Module
PI317MC-A6C AMI-PI317MC-A6C Datasheet
595Kb / 6P
300DPI CIS Module
PI325MC-A4 AMI-PI325MC-A4 Datasheet
600Kb / 6P
300DPI CIS Module
PI330MC-DR AMI-PI330MC-DR Datasheet
630Kb / 9P
300DPI CIS Two Level Digital Output Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com