Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI331MC-DR Datasheet(PDF) 4 Page - AMI SEMICONDUCTOR

Part # PI331MC-DR
Description  300DPI CIS Two Level Digital Output Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI331MC-DR Datasheet(HTML) 4 Page - AMI SEMICONDUCTOR

  PI331MC-DR Datasheet HTML 1Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 2Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 3Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 4Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 5Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 6Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 7Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 8Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Figure 1, PI331MC-DR block diagram depicts the two basic circuits, the CIS (image
sensors and video amplifier) and the tracking digitizer. In the CIS section, the module has
11 serially concatenated PI3012A image sensors, accordingly, the image sensors will
span one scanning-read line width that is 11 sensor times 96 pixel elements/sensor, or
1056 pixel elements.
In operation the module produces the analog image pixel signals that are proportional to
exposure on the corresponding picture element on the document (the video signal) then
passes the signal to the tracking digitizer. In turn, the digitizer processes the analog image
pixels to digital image pixels. The analog image pixels, at test point TV, are separated into
two signals. One generates the reference signal and the other remains unmodified. These
unmodified image pixels are applied to one of the input of the comparator. The reference
signal is applied to the second input of the comparator. The results of the comparison are
the digital image pixels. This digital output is produced in two levels, determined by the
difference between the background reference signal and the analog image pixels. A digital
pixel output of value “one” represents the analog image pixel that is brighter than the
background and digital pixel level of value “zero” represents the image pixel that is darker
than background.
Specifications
I/O Connector
The table of pins and their functions are listed in Table I, Pin Configuration.
Pin Number
Symbol
Names and Functions
1
DIGOUT
Digital Video Output
2
Vdd (+5 V)
Ground; 0 V
3
Vn (-10 to -5V)
Negative power supply
4
SP
Start Pulse for the shift register
5
GRD
Ground; 0 V
6
CLOCK
Clock for the shift register
7
GLED
Return for the LED light source
8
VLED
Power in for the LED light
source.
Table 1. Pin configuration
The connector is a 8-pin 1-mm surface mount flex input, Molex 52207-0890.
Inputs:
There are five inputs:
• Clock is on Pin 6 of the I/O Connector. This is main clock input into the CIS Module.
• SP is on Pin 4. This is the start clock input to the CIS Module.
PAGE 4 OF 9 - PI331MC-DR, 11-8-00



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com