Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI331MC-DR Datasheet(PDF) 6 Page - AMI SEMICONDUCTOR

Part # PI331MC-DR
Description  300DPI CIS Two Level Digital Output Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI331MC-DR Datasheet(HTML) 6 Page - AMI SEMICONDUCTOR

  PI331MC-DR Datasheet HTML 1Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 2Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 3Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 4Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 5Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 6Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 7Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 8Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Integration time
Tint
600(3)
ms
Operating temperature
Top
25
50
0C
Note:
(1) The clock frequency and the integration times must be fixed at the factory.
However, it will tolerate a slight deviation in clock frequency and integration
time as indicated by the minimum and maximum clock speeds.
(2) Clock pulse high is specified at 2.0 MHz at 25% duty.
(3) The Tint is specified with a 2.0 MHz clock frequency. In operation the time
constants in the reference generator is set to match the initial exposure time,
hence the time constant will determine the optimum integration time.
Accordingly it is highly recommended that the parameters adjusted at factory for
the specific applications.
Switching Characteristics (25°C)
The switching characteristics for the I/O clocks are shown in Figure 4, Module Timing
Diagram. The timing parametric values and their symbols are given in the Table 4.
Table 4. Switching Parameter and Timing Symbol Definition
Symbol
Min.
Typical
Max.
Units
Clock cycle time
to
0.50
µs
Clock pulse width
tw
100
ns
Clock duty cycle
25
50
%
Prohibit crossing time
of Start Pulse
tprh
15
ns
Data setup time
tds
20
ns
Data hold time
tdh
20
ns
PAGE 6 OF 9 - PI331MC-DR, 11-8-00
MODULE TIMING DIAGRAM
FIGURE 4.
CP
SP
Vanalog
Digout
to
tw
tprh
tdh
tdl
tds
tsh
tddl
tdodl



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com