Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI331MC-DR Datasheet(PDF) 7 Page - AMI SEMICONDUCTOR

Part # PI331MC-DR
Description  300DPI CIS Two Level Digital Output Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI331MC-DR Datasheet(HTML) 7 Page - AMI SEMICONDUCTOR

  PI331MC-DR Datasheet HTML 1Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 2Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 3Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 4Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 5Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 6Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 7Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 8Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Signal delay time
tdl
50
ns
Signal settling time
tsh
120
ns
Digital Signal Delay
tddl
60
ns
Digital Signal Off
Delay
tdodl
300
ns
Table 5 Absolute Maximum Rating:
Parameter
Symbols
Maximum
Rating
Units
Vdd
10
V
Idd
50
mA
Vn
-15
V
In
30
mA
VLED
6.0
V
Power supply voltage
ILED
250
mA
Input clock pulse (high level)
Vih
Vdd – 0.5
V
Input clock pulse (low level)
Vil
-0.8
V
Note: These are absolute maximum parameters and should not be used in operation.
Table 6 Operating Environment
Operating temperature
Top
0 to 50
0C
Operating humidity
Hop
10 to 85
%
Storage temperature
Tstg
-25 to+75
0C
Storage humidity
Hstg
5 to 95
%
Setup and Adjustments
The Clock Rate and Integration Time:
This was factory set to a specific application. See note 1 under Table 2, Electro-optical
characteristics at 25° C.
The clock frequency was set to 2.0MHz.
The total integration time was set to 600
µsec.
The Required Power.
The required power is slightly greater than the specified values in Table 3.
Circuit Power:
Positive Supply:
+5 Volts @ 25 mA
Negative Supply:
-10 Volts @ 15 mA
LED Power:
+5 Volts @ 180 mA
PAGE 7 OF 9 - PI331MC-DR, 11-8-00



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com