Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI331MC-DR Datasheet(PDF) 2 Page - AMI SEMICONDUCTOR

Part # PI331MC-DR
Description  300DPI CIS Two Level Digital Output Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI331MC-DR Datasheet(HTML) 2 Page - AMI SEMICONDUCTOR

  PI331MC-DR Datasheet HTML 1Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 2Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 3Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 4Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 5Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 6Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 7Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 8Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
• Where component pin-out count must be kept to a minimum.
The background-tracking-digitizing circuits in the PI331MC-DR have been referred to as
the “dynamic threshold” two-level A/D converter. For the purpose of describing the
module’s characteristics this “dynamic threshold” processing circuit shall herein be
referred to as the “tracking digitizer”.
Module Description
The PI331MC-DR module consists of 11 sensors that are cascaded to provide 1056
photo-detectors with their associated multiplex switches, and a digital shift register that
controls its sequential readout. Mounted in the module is one-to-one graded-indexed
micro lens array that focuses the scanned documents to image onto its sensing plane. A
buffer amplifier amplifies the video pixels from the image sensors and passes them to
analog digitizing circuit, where video pixels are converted to digital signal and passed to
output of the module. See Figure 1, the block diagram of the PI331MC-DR module.
Illumination is by means of an integrated LED light source. All components are housed in
a small plastic housing with a cover glass which acts as the focal point for the object being
scanned and protects the imaging array, the micro lens assembly, and the LED light
source from dust. The pictorial of PI331MC-DR cross section is shown in Figure 2.
PAGE 2 OF 9 - PI331MC-DR, 11-8-00
Figure 1. PI331MC-DR Module Block Diagram.
ROD LENS
SHIFT REGISTER
PHOTO SENSORS
BUFFER
LED
LED
LED
LED
LED
LED
LED
LED
CP
SP
GRD
GLED
VLED
VN(-V)
VDD (+5)
GRD
DIGOUT
- - - - - - - - - - - - - - - -
1054
1055
1056
TRACKING DIGITIZER
VIDEO
LINE
1
2
3
4
5
VIDEO
AMP



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com