Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI331MC-DR Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # PI331MC-DR
Description  300DPI CIS Two Level Digital Output Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI331MC-DR Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  PI331MC-DR Datasheet HTML 1Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 2Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 3Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 4Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 5Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 6Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 7Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 8Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
• VDD is on Pin 2. This is a + 5 Volts supply.
• VN is on Pin 3. This is a (– 10 to –5) Volts supply.
• VLED is on Pin 8. This is a +5 Volts supply for the LED light source.
Note: Power return for the LED light source is GLED on Pin 7 and the ground return for
the CIS modules is pin 5.
Video Output:
DIGOUT is on pin 1 of the I/O connector. This is the digital video output from the CIS
module. Reflection off the dark target produces a digital signal of “0” level, while the white
reflection off the white target produces a digital level of “one”. The amplitudes of the white
and dark are listed in the table below:
Electro-Optical Characteristics (25° C)
Table 2. Electro-optical characteristics at 25° C.
Parameter
Symbol
Parameter
Units
Note
Number of photo detectors
1056
elements
Pixel to pixel spacing
84.7
µm
Line scanning rate
Tint(1)
600
µsec
@ 2.0 MHz
clock
frequency
Clock frequency
f
2.0
MHz
Bright output
Dark output
Digital Video
Output Signal
>3.2
<0.8
Volts
Volts
(1) The Tint is specified with a 2.0 MHz clock frequency. In operation the time
constants in the reference generator is set to match the initial exposure time,
hence the time constant will determine the optimum integration time. Note the
integration time is also a function of the clock frequency. Accordingly it is highly
recommended that the parameters be factory adjust for the specific
applications.
Table 3. Recommended Operating Conditions (25 °C)
Item
Symbol
Min
Mean
Max
Units
Vdd
4.5
5.0
5.5
V
Vn.
-10
-5
V
VLED
3.5
5.0
5.5
V
Idd
21
22
25
mA
Ivn
9
10
12
mA
Power Supply
ILED
25
160
200
mA
Input voltage at digital high
Vih
Vdd-1.0
Vdd-.5
Vdd
V
Input voltage at digital low
Vil
0
0.8
V
Clock frequency(1)
f
1.75
2.25
MHz
Clock pulse high duty cycle
25
%
Clock pulse high duration(2)
Clock
100
ns
PAGE 5 OF 9 - PI331MC-DR, 11-8-00



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com