Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI331MC-DR Datasheet(PDF) 9 Page - AMI SEMICONDUCTOR

Part # PI331MC-DR
Description  300DPI CIS Two Level Digital Output Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI331MC-DR Datasheet(HTML) 9 Page - AMI SEMICONDUCTOR

  PI331MC-DR Datasheet HTML 1Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 2Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 3Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 4Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 5Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 6Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 7Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 8Page - AMI SEMICONDUCTOR PI331MC-DR Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
There are only two adjustments:
These adjustments will be pre-adjusted to the customer’s specific application at the
factory, therefore, in general will not require adjustments by the user.
The gain is adjusted by monitoring test point TV with a scope, adjusting the gain
potentiometer, R5, until the analog image pixel levels are set to approximately 2.0 volts
peak with the module imaged on the a standard white target similar to the standard white
copy or typing paper. (The probe should be grounded as close to the CIS module as
possible. If possibly right on the ground input lead, pin 5, of the I/O connector.)
Then DC reference level is adjust by monitoring test point TR and setting the voltage to
approximately 1.6 Volts by adjusting offset potentiometer, R4.
Mechanical Structure
Figure 6 is pictorial of the PI331MC-DR. It shows the mechanical dimensions of the
housing and its mounting hole locations. The “inactive zones” are the sector without
imaging sensors.
PAGE 9 OF 9 - PI331MC-DR, 11-8-00
FIGURE 6. Mechanical Structure
Note:
All dimensions in mm.
Two sets of mounting holes are
mirror imaged on both ends.
Hole = 2x2 M1.8 Top Tight Screw
1mm x 8 Flex
cable connector
Readline
approximate
inactive
zone
To
the
center
of
the
connector
maximum
maximum
4 mm
inactive
zone
6.0
6.8
102
10
8.0
15.0
25.6
14.0
7.1
22.0
24.6
22.00
24.3
25.3
14.0 16.5
©2000 Peripheral Imaging Corporation.
Printed in USA. All rights reserved. Specifications
are subject to change without notice. Contents may not be reproduced in whole or in part without
the express prior written permission of Peripheral Imaging Corporation. Information furnished
herein is believed to be accurate and reliable. However, no responsibility is assumed by Peripheral
Imaging Corporation for its use nor for any infringement of patents or other rights granted by
implication or otherwise under any patent or patent rights of Peripheral Imaging Corporation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com