Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L4ED Datasheet (PDF) - STMicroelectronics

VL53L4ED Datasheet PDF - STMicroelectronics
Part # VL53L4ED
Download  VL53L4ED Download
File Size   2155.71 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Time-of-Flight high accuracy proximity sensor with extended temperature capability

VL53L4ED Datasheet (PDF)

Go To PDF Page Download Datasheet
VL53L4ED Datasheet PDF - STMicroelectronics

Part # VL53L4ED
Download  VL53L4ED Click to download

File Size   2155.71 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Time-of-Flight high accuracy proximity sensor with extended temperature capability

VL53L4ED Datasheet (HTML) - STMicroelectronics


VL53L4ED Product details

Features
High accuracy proximity ranging
• High performance proximity sensor
• Short distance linearity down to 1 mm
• From 0 to 1300 mm with full field of view (FoV)
• Extended effective temperature range of -40°C to 105°C
• Up to 800 mm ranging under 5 klx
• FoV of 18°
• Autonomous low power mode with interrupt programmable threshold to wake
up the host
• Fast ranging frequency up to 100 Hz

Fully integrated miniature module
• 940 nm invisible laser emitter (VCSEL) and analog driver
• Low power microcontroller running advanced digital firmware
• 4.4 x 2.4 x 1 mm size
• Pin-to-pin compatible with VL53L4CD

Easy integration
• Reflowable component
• Single power supply 2v8
• It can be hidden behind the cover glass
• I²C interface (up to 1 MHz)
• Full set of C software drivers (Linux compatible) for turnkey ranging
• Embedded processing for a very low memory footprint

Application
Proximity ranging applications under strong light conditions such as:
• Robotic and industrial applications including collision avoidance.
• System activation, occupancy, and presence detection (public buildings and
car parks).
• Smart lighting systems for outdoor lighting control.
• Biometric distance measurement (security systems and health monitoring).
High temperature range for extreme environment applications:
• Industrial automation and security systems.
• Touchless button for industrial tools.
• Industrial manufacturing assistance.
• Liquid level monitoring (container and tank).




Similar Part No. - VL53L4ED

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VL53L4CA STMICROELECTRONICS-VL53L4CA Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
VL53L4CD STMICROELECTRONICS-VL53L4CD Datasheet
2Mb / 37P
Time-of-Flight high accuracy proximity sensor
June 2022 Rev 5
VL53L4CX STMICROELECTRONICS-VL53L4CX Datasheet
2Mb / 38P
Time-of-Flight sensor with extended range measurement
June 2022 Rev 3
More results


Similar Description - VL53L4ED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT8320 TI1-OPT8320 Datasheet
1Mb / 88P
OPT8320 3D Time-of-Flight Sensor
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
3D Time-of-Flight Sensor
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
Time-of-Flight Sensor Array
logo
Texas Instruments
OPT8320 TI-OPT8320_V01 Datasheet
563Kb / 12P
OPT8320 3D Time-of-Flight Sensor
logo
ams AG
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
Time-of-Flight Sensor
2019-July-22
logo
STMicroelectronics
VL53L4CD STMICROELECTRONICS-VL53L4CD Datasheet
2Mb / 37P
Time-of-Flight high accuracy proximity sensor
June 2022 Rev 5
VL53L4CX STMICROELECTRONICS-VL53L4CX Datasheet
2Mb / 38P
Time-of-Flight sensor with extended range measurement
June 2022 Rev 3
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
Time-of-Flight Sensor
v2-00 2023-Feb-21
logo
List of Unclassifed Man...
TOF400F ETC-TOF400F Datasheet
4Mb / 13P
Time-of-Flight ranging Sensor-4M
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com