Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L4ED Datasheet(PDF) 5 Page - STMicroelectronics

Part # VL53L4ED
Description  Time-of-Flight high accuracy proximity sensor with extended temperature capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4ED Datasheet(HTML) 5 Page - STMicroelectronics

  VL53L4ED Datasheet HTML 1Page - STMicroelectronics VL53L4ED Datasheet HTML 2Page - STMicroelectronics VL53L4ED Datasheet HTML 3Page - STMicroelectronics VL53L4ED Datasheet HTML 4Page - STMicroelectronics VL53L4ED Datasheet HTML 5Page - STMicroelectronics VL53L4ED Datasheet HTML 6Page - STMicroelectronics VL53L4ED Datasheet HTML 7Page - STMicroelectronics VL53L4ED Datasheet HTML 8Page - STMicroelectronics VL53L4ED Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
2.3
Device pinout
The following figure shows the pinout of the VL53L4ED (see also Section 8: Outline drawings).
Figure 2. VL53L4ED pinout (bottom view)
AVDDVCSEL
2
AVSSVCSEL
3
GND
4
GND2
5
XSHUT
11
12
AVDD
10
SCL
9
SDA
8
DNC
7
GPIO1
6
1
GND3
GND4
Table 2. VL53L4ED pin description
Pin number
Signal name
Signal type
Signal description
1
AVDDVCSEL
Supply
VCSEL supply, to be connected to main supply
2
AVSSVCSEL
Ground
VCSEL ground, to be connected to main ground
3
GND
To be connected to main ground
4
GND2
5
XSHUT
Digital input
Xshutdown pin, active low
6
GND3
Ground
To be connected to main ground
7
GPIO1
Digital output
Interrupt output. Open drain output
8
DNC
Digital input
Do not connect, must be left floating
9
SDA
Digital input/output
I²C serial data
10
SCL
Digital input
I²C serial clock input
11
AVDD
Supply
Supply, to be connected to main supply
12
GND4
Ground
To be connected to, the main ground
Note:
AVSSVCSEL and GND are ground pins that can be connected in the application schematics.
Note:
GND2, GND3, and GND4 are standard pins that are forced to the ground domain in the application schematics.
This is to avoid possible instabilities which might arise if set in other states.
VL53L4ED
Product overview
DS14256 - Rev 3
page 5/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com