Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L4ED Datasheet(PDF) 29 Page - STMicroelectronics

Part # VL53L4ED
Description  Time-of-Flight high accuracy proximity sensor with extended temperature capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4ED Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VL53L4ED Datasheet HTML 25Page - STMicroelectronics VL53L4ED Datasheet HTML 26Page - STMicroelectronics VL53L4ED Datasheet HTML 27Page - STMicroelectronics VL53L4ED Datasheet HTML 28Page - STMicroelectronics VL53L4ED Datasheet HTML 29Page - STMicroelectronics VL53L4ED Datasheet HTML 30Page - STMicroelectronics VL53L4ED Datasheet HTML 31Page - STMicroelectronics VL53L4ED Datasheet HTML 32Page - STMicroelectronics VL53L4ED Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
10
Laser safety
This product contains a laser emitter and corresponding drive circuitry. The laser output is designed to meet
Class 1 laser safety limits under all reasonably foreseeable conditions including single faults in compliance with
IEC 60825-1:2014.
Do not increase the laser output power by any means. Do not use any optics to focus the laser beam.
Caution:
Use of controls or adjustments, or performance of procedures other than those specified herein may result in
hazardous radiation exposure.
Figure 29. Class 1 laser label
This product complies with:
•
IEC 60825-1:2014
•
21 CFR 1040.10 and 1040.11, except for conformance with IEC 60825-1:2014 as described in the laser
notice number 56, dated May 8, 2019.
•
EN 60825-1:2014 including EN 60825-1:2014/A11:2021
•
EN 50689:2021, however STMicroelectronics does not guarantee compliance with the requirement of
clause 5 from EN50689 regarding child appealing products. If designing a child appealing product, contact
STMicroelectronics' technical application support.
VL53L4ED
Laser safety
DS14256 - Rev 3
page 29/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com