Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L4ED Datasheet(PDF) 32 Page - STMicroelectronics

Part # VL53L4ED
Description  Time-of-Flight high accuracy proximity sensor with extended temperature capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4ED Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VL53L4ED Datasheet HTML 28Page - STMicroelectronics VL53L4ED Datasheet HTML 29Page - STMicroelectronics VL53L4ED Datasheet HTML 30Page - STMicroelectronics VL53L4ED Datasheet HTML 31Page - STMicroelectronics VL53L4ED Datasheet HTML 32Page - STMicroelectronics VL53L4ED Datasheet HTML 33Page - STMicroelectronics VL53L4ED Datasheet HTML 34Page - STMicroelectronics VL53L4ED Datasheet HTML 35Page - STMicroelectronics VL53L4ED Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
12
Handling, moisture, and reflow precautions
12.1
Shock precaution
Sensor modules house numerous internal components that are susceptible to shock damage. If a unit is subject
to excessive shock, it must be rejected even if no apparent damage is visible. For example, if it is dropped on the
floor, or if a tray/reel of units is dropped on the floor.
12.2
Part handling
Handling must be done with nonmarring, ESD, safe carbon, plastic, or Teflon™ tweezers. Ranging modules are
susceptible to damage or contamination. The customer is advised to use a clean assembly process after
removing the tape from the parts, and until a protective cover glass is mounted.
12.3
Compression force
A maximum compressive load of 25 N should be applied on the module.
12.4
Moisture sensitivity level
Moisture sensitivity is level 3 (MSL) as described in JEDEC JSTD-020-C.
For devices that are classified to the levels defined in JEDEC JSTD-020-C, JEDEC JSTD-033-C provides:
•
Manufacturers and users with standardized methods for handling, packing, and shipping.
•
Standardized methods for using moisture/reflow and process sensitive devices.
12.5
Pb-free solder reflow process
Table 19. Recommended solder profile and Figure 32. Solder profile show the recommended and maximum
values for the solder profile.
Customers have to tune the reflow profile depending on the PCB, solder paste, and material used. We expect
customers to follow the recommended reflow profile, which is specifically tuned for the VL53L4ED package.
If a customer must perform a reflow profile which is different from the recommended one, the new profile must be
qualified by the customer at their own risk. This is especially true for peak >240°C. In any case, the profile must
be within the “maximum” profile limit described in JEDEC JSTD-020-C and in the table below.
Note:
Temperatures mentioned in the following table are measured at the top of the VL53L4ED package.
Table 19. Recommended solder profile
Parameters
Recommended
Maximum
Unit
Minimum temperature (TS min)
130
150
°C
Maximum temperature (TS max)
200
200
Time ts (TS min to TS max)
90-110
60-120
s
Temperature (TL)
217
217
°C
Time (tL)
55-65
55-65
s
Ramp up
2
3
°C/s
Temperature (Tp-10)
—
250
°C
Time (tp-10)
10
s
Ramp up
3
°C/s
Peak temperature (Tp)
240
260 max
°C
Time to peak
30
300
s
Ramp down (peak to Tl)
-4
-6
°C/s
VL53L4ED
Handling, moisture, and reflow precautions
DS14256 - Rev 3
page 32/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com