Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L4ED Datasheet(PDF) 14 Page - STMicroelectronics

Part # VL53L4ED
Description  Time-of-Flight high accuracy proximity sensor with extended temperature capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4ED Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VL53L4ED Datasheet HTML 10Page - STMicroelectronics VL53L4ED Datasheet HTML 11Page - STMicroelectronics VL53L4ED Datasheet HTML 12Page - STMicroelectronics VL53L4ED Datasheet HTML 13Page - STMicroelectronics VL53L4ED Datasheet HTML 14Page - STMicroelectronics VL53L4ED Datasheet HTML 15Page - STMicroelectronics VL53L4ED Datasheet HTML 16Page - STMicroelectronics VL53L4ED Datasheet HTML 17Page - STMicroelectronics VL53L4ED Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Figure 14. Data format (sequential read)
S
As
ADDRESS[7:0]
Am
DATA[7:0]
P
0x53 (read)
Am
DATA[7:0]
Am
DATA[7:0]
Am
DATA[7:0]
Am
DATA[7:0]
S
As
ADDRESS[7:0]
INDEX[7:0]
As P
0x52 (write)
INDEX[15:8]
As
4.1
I²C interface - timing characteristics
Timing characteristics are shown in the following tables. Refer to Figure 15. I²C timing characteristics for an
explanation of the parameters used.
Timings are given for all PVT conditions.
Table 5. I²C interface - timing characteristics for fast mode plus (1 MHz)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
FI2C
Operating frequency
0
—
1000
kHz
tLOW
Clock pulse width low
0.5
—
—
μs
tHIGH
Clock pulse width high
0.26
—
—
tSP
Pulse width of spikes that are
suppressed by the input filter
—
—
50
ns
tBUF
Bus free time between
transmissions
0.5
—
—
μs
tHD.STA
Start hold time
0.26
—
—
tSU.STA
Start setup time
0.26
—
—
tHD.DAT
Data in hold time
0
—
0.9
tSU.DAT
Data in setup time
50
—
—
ns
tR
SCL/SDA rise time
—
—
120
tF
SCL/SDA fall time
—
—
120
tSU.STO
Stop set-up time
0.26
—
—
μs
Ci/o
Input/output capacitance (SDA)
—
—
10
pF
CIN
Input capacitance (SCL)
—
—
4
CL
Load capacitance
—
140
550
VL53L4ED
Control interface
DS14256 - Rev 3
page 14/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com