Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L4ED Datasheet(PDF) 1 Page - STMicroelectronics

Part # VL53L4ED
Description  Time-of-Flight high accuracy proximity sensor with extended temperature capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4ED Datasheet(HTML) 1 Page - STMicroelectronics

  VL53L4ED Datasheet HTML 1Page - STMicroelectronics VL53L4ED Datasheet HTML 2Page - STMicroelectronics VL53L4ED Datasheet HTML 3Page - STMicroelectronics VL53L4ED Datasheet HTML 4Page - STMicroelectronics VL53L4ED Datasheet HTML 5Page - STMicroelectronics VL53L4ED Datasheet HTML 6Page - STMicroelectronics VL53L4ED Datasheet HTML 7Page - STMicroelectronics VL53L4ED Datasheet HTML 8Page - STMicroelectronics VL53L4ED Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Features
High accuracy proximity ranging
•
High performance proximity sensor
•
Short distance linearity down to 1 mm
•
From 0 to 1300 mm with full field of view (FoV)
•
Extended effective temperature range of -40°C to 105°C
•
Up to 800 mm ranging under 5 klx
•
FoV of 18°
•
Autonomous low power mode with interrupt programmable threshold to wake
up the host
•
Fast ranging frequency up to 100 Hz
Fully integrated miniature module
•
940 nm invisible laser emitter (VCSEL) and analog driver
•
Low power microcontroller running advanced digital firmware
•
4.4 x 2.4 x 1 mm size
•
Pin-to-pin compatible with VL53L4CD
Easy integration
•
Reflowable component
•
Single power supply 2v8
•
It can be hidden behind the cover glass
•
I²C interface (up to 1 MHz)
•
Full set of C software drivers (Linux compatible) for turnkey ranging
•
Embedded processing for a very low memory footprint
Application
Proximity ranging applications under strong light conditions such as:
•
Robotic and industrial applications including collision avoidance.
•
System activation, occupancy, and presence detection (public buildings and
car parks).
•
Smart lighting systems for outdoor lighting control.
•
Biometric distance measurement (security systems and health monitoring).
High temperature range for extreme environment applications:
•
Industrial automation and security systems.
•
Touchless button for industrial tools.
•
Industrial manufacturing assistance.
•
Liquid level monitoring (container and tank).
Product status link
VL53L4ED
Time-of-Flight high accuracy proximity sensor with extended temperature
capability
VL53L4ED
Datasheet
DS14256 - Rev 3 - July 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - VL53L4ED

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VL53L4CA STMICROELECTRONICS-VL53L4CA Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
VL53L4CD STMICROELECTRONICS-VL53L4CD Datasheet
2Mb / 37P
Time-of-Flight high accuracy proximity sensor
June 2022 Rev 5
VL53L4CX STMICROELECTRONICS-VL53L4CX Datasheet
2Mb / 38P
Time-of-Flight sensor with extended range measurement
June 2022 Rev 3
More results

Similar Description - VL53L4ED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT8320 TI1-OPT8320 Datasheet
1Mb / 88P
OPT8320 3D Time-of-Flight Sensor
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
3D Time-of-Flight Sensor
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
Time-of-Flight Sensor Array
logo
Texas Instruments
OPT8320 TI-OPT8320_V01 Datasheet
563Kb / 12P
OPT8320 3D Time-of-Flight Sensor
logo
ams AG
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
Time-of-Flight Sensor
2019-July-22
logo
STMicroelectronics
VL53L4CD STMICROELECTRONICS-VL53L4CD Datasheet
2Mb / 37P
Time-of-Flight high accuracy proximity sensor
June 2022 Rev 5
VL53L4CX STMICROELECTRONICS-VL53L4CX Datasheet
2Mb / 38P
Time-of-Flight sensor with extended range measurement
June 2022 Rev 3
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
Time-of-Flight Sensor
v2-00 2023-Feb-21
logo
List of Unclassifed Man...
TOF400F ETC-TOF400F Datasheet
4Mb / 13P
Time-of-Flight ranging Sensor-4M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com