Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L4ED Datasheet(PDF) 4 Page - STMicroelectronics

Part # VL53L4ED
Description  Time-of-Flight high accuracy proximity sensor with extended temperature capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4ED Datasheet(HTML) 4 Page - STMicroelectronics

  VL53L4ED Datasheet HTML 1Page - STMicroelectronics VL53L4ED Datasheet HTML 2Page - STMicroelectronics VL53L4ED Datasheet HTML 3Page - STMicroelectronics VL53L4ED Datasheet HTML 4Page - STMicroelectronics VL53L4ED Datasheet HTML 5Page - STMicroelectronics VL53L4ED Datasheet HTML 6Page - STMicroelectronics VL53L4ED Datasheet HTML 7Page - STMicroelectronics VL53L4ED Datasheet HTML 8Page - STMicroelectronics VL53L4ED Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
2
Product overview
2.1
Technical specification
Table 1. Technical specification
Feature
Detail
Package
Optical LGA12
Size
4.4 x 2.4 x 1 mm
Operating voltage
2.7 to 3.4 V
Operating temperature
-40 to 105°C
Infrared emitter
940 nm
I²C
Up to 1 MHz (fast mode plus) serial bus
Address: 0x52
2.2
System block diagram
Figure 1. VL53L4ED block diagram
VL53L4ED
Product overview
DS14256 - Rev 3
page 4/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com