Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L4ED Datasheet(PDF) 19 Page - STMicroelectronics

Part # VL53L4ED
Description  Time-of-Flight high accuracy proximity sensor with extended temperature capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4ED Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VL53L4ED Datasheet HTML 15Page - STMicroelectronics VL53L4ED Datasheet HTML 16Page - STMicroelectronics VL53L4ED Datasheet HTML 17Page - STMicroelectronics VL53L4ED Datasheet HTML 18Page - STMicroelectronics VL53L4ED Datasheet HTML 19Page - STMicroelectronics VL53L4ED Datasheet HTML 20Page - STMicroelectronics VL53L4ED Datasheet HTML 21Page - STMicroelectronics VL53L4ED Datasheet HTML 22Page - STMicroelectronics VL53L4ED Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
6.4
Current consumption
Table 14. Power consumption at ambient temperature
All current consumption values include silicon process variations. Temperature and voltage are nominal conditions (23°C and
2v8). All values include AVDD and AVDDVCSEL.
Parameter
Min.
Typ.
Max.
Unit
HW STANDBY
3
5
7
μA
SW STANDBY
4
6
9
Active ranging average consumption
(including VCSEL) (1) (2)
22
24
mA
1. Active ranging is an average value, measured using the default driver settings.
2. Peak current (including VCSEL) can reach 40 mA.
6.5
Digital input and output
Table 15. Digital I/O electrical characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
Interrupt pin (GPIO1)
VIL
Low level input voltage
—
—
0.3 IOVDD
V
VIH
High level input voltage
0.7 IOVDD
—
VOL
Low level output voltage (IOUT = 4
mA)
—
0.4
VOH
High level output voltage (IOUT = 4
mA)
IOVDD-0.4
—
FGPIO
Operating frequency (CLOAD = 20
pF)
0
108
MHz
I²C interface (SDA/SCL)
VIL
Low level input voltage
-0.5
—
0.6
V
VIH
High level input voltage
1.12
3.5
VOL
Low level output voltage
(IOUT = 4 mA)
—
0.4
IIL/IH
Leakage current (1)
—
10
Leakage current (2)
—
0.15
μA
1. AVDD = 0 V
2. AVDD = 2.85 V, and I/O voltage = 1.8 V
VL53L4ED
Electrical characteristics
DS14256 - Rev 3
page 19/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com