Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L4ED Datasheet(PDF) 15 Page - STMicroelectronics

Part # VL53L4ED
Description  Time-of-Flight high accuracy proximity sensor with extended temperature capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4ED Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VL53L4ED Datasheet HTML 11Page - STMicroelectronics VL53L4ED Datasheet HTML 12Page - STMicroelectronics VL53L4ED Datasheet HTML 13Page - STMicroelectronics VL53L4ED Datasheet HTML 14Page - STMicroelectronics VL53L4ED Datasheet HTML 15Page - STMicroelectronics VL53L4ED Datasheet HTML 16Page - STMicroelectronics VL53L4ED Datasheet HTML 17Page - STMicroelectronics VL53L4ED Datasheet HTML 18Page - STMicroelectronics VL53L4ED Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
Table 6. I²C interface - timing characteristics for fast mode (400 kHz)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
FI2C
Operating frequency
0
—
400
kHz
tLOW
Clock pulse width low
1.3
—
—
μs
tHIGH
Clock pulse width high
0.6
—
—
tSP
Pulse width of spikes that are
suppressed by the input filter
—
—
50
ns
tBUF
Bus free time between
transmissions
1.3
—
—
μs
tHD.STA
Start hold time
0.26
—
—
tSU.STA
Start setup time
0.26
—
—
tHD.DAT
Data in hold time
0
—
0.9
tSU.DAT
Data in setup time
50
—
—
ns
tR
SCL/SDA rise time
—
—
300
tF
SCL/SDA fall time
—
—
300
tSU.STO
Stop set-up time
0.6
—
—
μs
Ci/o
Input/output capacitance (SDA)
—
—
10
pF
CIN
Input capacitance (SCL)
—
—
4
CL
Load capacitance
—
125
400
Figure 15. I²C timing characteristics
IL or VIH.
SDA
SCL
tHD.STA
tR
tHIGH
tF
tSU.DAT
tHD.DAT
tSU.STA
tSU.STO
...
...
tHD.STA
tLOW
tBUF
stop
start
stop
start
VIH
VIL
VIH
VIL
All timings are measured from either VIL or VIH.
VL53L4ED
Control interface
DS14256 - Rev 3
page 15/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com