Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L4ED Datasheet(PDF) 18 Page - STMicroelectronics

Part # VL53L4ED
Description  Time-of-Flight high accuracy proximity sensor with extended temperature capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4ED Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VL53L4ED Datasheet HTML 14Page - STMicroelectronics VL53L4ED Datasheet HTML 15Page - STMicroelectronics VL53L4ED Datasheet HTML 16Page - STMicroelectronics VL53L4ED Datasheet HTML 17Page - STMicroelectronics VL53L4ED Datasheet HTML 18Page - STMicroelectronics VL53L4ED Datasheet HTML 19Page - STMicroelectronics VL53L4ED Datasheet HTML 20Page - STMicroelectronics VL53L4ED Datasheet HTML 21Page - STMicroelectronics VL53L4ED Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
6
Electrical characteristics
6.1
Absolute maximum ratings
Warning:
Stresses above those listed in the following table may cause permanent damage to the
device. These are stress ratings only. Functional operation of the device is not implied at
these or any other conditions above those indicated in the operational sections of the
specification. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 11. Absolute maximum ratings
Parameter
Min.
Typ.
Max.
Unit
AVDD
-0.5
—
3.4
V
SCL, SDA, XSHUT, and GPIO1
6.2
Recommended operating conditions
There are no power supply sequencing requirements. The I/Os may be high, low, or floating when AVDD is
applied. The I/Os are internally failsafe with no diode connecting them to AVDD.
Table 12. Recommended operating conditions
Parameter
Min.
Typ.
Max.
Unit
Voltage (AVDD)
2.7
2.8
3.4
V
IO (IOVDD) (1)
1.7
1.8/2.8
3.4
1. XSHUT should be high only when AVDD is on.
6.3
Electrostatic discharge
The VL53L4ED is compliant with the electrostatic discharge (ESD) values presented in the following table.
Table 13. ESD performances
Parameter
Specification
Conditions
Human body model
JS-001-2012
± 2 kV, 1500 ohms, 100 pF
Charged device model
JESD22-C101
± 500 V
VL53L4ED
Electrical characteristics
DS14256 - Rev 3
page 18/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com