Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L4ED Datasheet(PDF) 6 Page - STMicroelectronics

Part # VL53L4ED
Description  Time-of-Flight high accuracy proximity sensor with extended temperature capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4ED Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VL53L4ED Datasheet HTML 2Page - STMicroelectronics VL53L4ED Datasheet HTML 3Page - STMicroelectronics VL53L4ED Datasheet HTML 4Page - STMicroelectronics VL53L4ED Datasheet HTML 5Page - STMicroelectronics VL53L4ED Datasheet HTML 6Page - STMicroelectronics VL53L4ED Datasheet HTML 7Page - STMicroelectronics VL53L4ED Datasheet HTML 8Page - STMicroelectronics VL53L4ED Datasheet HTML 9Page - STMicroelectronics VL53L4ED Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
2.4
Application schematic
The following figure shows the application schematic of the VL53L4ED.
Figure 3. VL53L4ED schematic
Capacitors on the external supply AVDD should be placed as close as possible to the AVDDVCSEL and
AVSSVCSEL module pins.
The external pull-up resistor values can be found in the I2C-bus specification. Pull-ups are typically fitted only
once per bus, near the host. For suggested values, see Table 3. Suggested pull-up and series resistors for I²C
fast mode and Table 4. Suggested pull-up and series resistors for I²C fast mode plus.
The XSHUT pin must always be driven to avoid leakage current. A pull-up is needed if the host state is not
known. XSHUT is needed to use hardware standby mode (there is no I²C communication).
The recommended value of the XSHUT and GPIO1 pull-up is 10 kohms.
The GPIO1 should be left unconnected if not used.
The following tables list recommended values for pull-up and series resistors. Values are for an AVDD of 1.8 V to
2.8 V, in I²C fast mode (up to 400 kHz) and fast mode plus (up to 1 MHz).
Table 3. Suggested pull-up and series resistors for I²C fast mode
I²C load capacitance (CL)(1)
Pull up resistor (ohms)
Series resistor (àhms)
CL ≤ 90 pF
3.6 k
0
90 pF < CL ≤ 140 pF
2.4 k
0
140 pF < CL ≤ 270 pF
1.2 k
0
270 pF < CL ≤ 400 pF
0.8 k
0
1. For each bus line, CL is measured in the application PCB by the customer.
VL53L4ED
Product overview
DS14256 - Rev 3
page 6/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com