Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L4ED Datasheet(PDF) 20 Page - STMicroelectronics

Part # VL53L4ED
Description  Time-of-Flight high accuracy proximity sensor with extended temperature capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4ED Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VL53L4ED Datasheet HTML 16Page - STMicroelectronics VL53L4ED Datasheet HTML 17Page - STMicroelectronics VL53L4ED Datasheet HTML 18Page - STMicroelectronics VL53L4ED Datasheet HTML 19Page - STMicroelectronics VL53L4ED Datasheet HTML 20Page - STMicroelectronics VL53L4ED Datasheet HTML 21Page - STMicroelectronics VL53L4ED Datasheet HTML 22Page - STMicroelectronics VL53L4ED Datasheet HTML 23Page - STMicroelectronics VL53L4ED Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
7
Ranging performances
7.1
Measurement conditions
In all the measurement tables of this document, it is considered that:
•
All ranging performances are measured with the target covering the full FoV.
•
Targets used are Munsell N4.75 (17%), Munsell N8.25 (54%), and Munsell N9.5 (88%).
•
Nominal voltage is 2.8 V.
•
The device is controlled through the driver using the default settings.
•
Indoor (no IR) means that there is no contribution of light in the band 940 nm ± 30 nm.
•
Light, outdoor overcast corresponds to an ambient light level of 10 kcps/SPAD. For reference, this
corresponds to a 1.2 W/m2 at 940 nm following the AM1.5G spectrum. It is equivalent to 5 kLux of daylight
as reflected by a gray 17% chart at 40 cm.
•
No cover glass is present.
•
Typical and corner samples are used.
•
An offset correction is made at 100 mm from the sensor with a gray 17% target.
7.2
Minimum ranging distance
The minimum detection distance is 0 mm. The minimum ranging distance with a linear response is 1 mm.
7.3
Maximum ranging distance at nominal temperature
The table below shows the ranging specification for the VL53L4ED bare module. This is without a cover glass, at
room temperature (23°C), with nominal voltage (2.8 V), and the full FoV covered.
The timing budget enables control over the quantity of emitted signals. A higher timing budget results in the
emission of more signals, thereby increasing the temperature variation robustness. It is strongly recommended to
use a minimum timing budget of 100 ms to ensure consistent data over the temperature range. All measurements
have been made using 100 ms integration time.
Table 16. Nominal maximum ranging distance mode for typical parts (100 ms timing budget)
Target reflectance level, full FoV (reflectance %)
Indoor (detection rate %)
Outdoor detection rate (%)
White target (88%)
Typical: 1250 mm @ 90% min.
Typical: 1300 mm @ 50% min.
Typical: 750 mm @ 90% min.
Typical: 800 mm @ 50% min.
Light gray target (54%)
Typical: 950 mm @ 90% min.
Typical: 1000 mm @ 50% min.
Typical: 700 mm @ 90% min.
Typical: 750 mm @ 50% min.
Gray target (17%)
Typical: 450 mm @ 90% min.
Typical: 500 mm @ 50% min.
Typical: 400 mm @ 90% min.
Typical: 450 mm @ 50% min.
The detection rate is a statistical value indicating the worst case percentage of measurements that return a valid
ranging. For example, taking 1000 measurements with a 90% detection rate, gives 900 valid distances. The 100
other distances may be outside of the specification, and are flagged with an error status.
VL53L4ED
Ranging performances
DS14256 - Rev 3
page 20/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com