Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L4ED Datasheet(PDF) 22 Page - STMicroelectronics

Part # VL53L4ED
Description  Time-of-Flight high accuracy proximity sensor with extended temperature capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4ED Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VL53L4ED Datasheet HTML 18Page - STMicroelectronics VL53L4ED Datasheet HTML 19Page - STMicroelectronics VL53L4ED Datasheet HTML 20Page - STMicroelectronics VL53L4ED Datasheet HTML 21Page - STMicroelectronics VL53L4ED Datasheet HTML 22Page - STMicroelectronics VL53L4ED Datasheet HTML 23Page - STMicroelectronics VL53L4ED Datasheet HTML 24Page - STMicroelectronics VL53L4ED Datasheet HTML 25Page - STMicroelectronics VL53L4ED Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
7.5
Ranging accuracy
7.5.1
Ranging accuracy definition
The figure below illustrates how range accuracy is defined over distance.
Figure 18. Ranging accuracy vs. distance
The ranging accuracy is a direct evaluation of the measurement error, including offset errors and output noise. At
least 90% of the ranging values are within the declared ranges. This quality indicator includes measure-to-
measure and part-to-part dispersion.
7.5.2
Ranging accuracy at nominal temperature
The following table shows the ranging accuracy for the VL53L4ED bare module. This is without a cover glass, at
room temperature (23°C), with nominal voltage (2.8 V), and the full FoV covered.
Table 17. Ranging accuracy for a typical part at 100 ms timing budget
Target reflectance level with
full FoV (reflectance %)
Distance (mm)
Indoor (0 klx)
Outdoor (5 klx)
White target (88%)
1-100
± 6 mm
± 7 mm
101-200
± 7 mm
± 7 mm
>200
± 2%
± 5%
Light gray target (54%)
1-100
± 5 mm
± 6 mm
101-200
± 6 mm
± 7 mm
>200
± 3%
± 5%
Gray target (17%)
1-100
± 5 mm
± 6 mm
101-200
± 6 mm
± 7 mm
>200
± 3%
± 4%
VL53L4ED
Ranging performances
DS14256 - Rev 3
page 22/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com