Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L4ED Datasheet(PDF) 23 Page - STMicroelectronics

Part # VL53L4ED
Description  Time-of-Flight high accuracy proximity sensor with extended temperature capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4ED Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VL53L4ED Datasheet HTML 19Page - STMicroelectronics VL53L4ED Datasheet HTML 20Page - STMicroelectronics VL53L4ED Datasheet HTML 21Page - STMicroelectronics VL53L4ED Datasheet HTML 22Page - STMicroelectronics VL53L4ED Datasheet HTML 23Page - STMicroelectronics VL53L4ED Datasheet HTML 24Page - STMicroelectronics VL53L4ED Datasheet HTML 25Page - STMicroelectronics VL53L4ED Datasheet HTML 26Page - STMicroelectronics VL53L4ED Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
7.5.3
Evolution of accuracy over temperature
Figure 19. Evolution of accuracy over temperature for a typical part (100 ms timing budget, 0 klx) and
Figure 20. Evolution of accuracy over temperature for a typical part (100 ms timing budget, 5 klx) show the
evolution of accuracy over all temperatures for the VL53L4ED bare module. Measurements were taken without a
cover glass at nominal voltage (2.8 V), and with the full FoV covered. Both figures represent 100 measurements
made at a single reference distance of 300 mm.
Figure 21. Box plot range definition shows the data spread compared to the real distance.
Figure 19. Evolution of accuracy over temperature for a typical part (100 ms timing budget, 0 klx)
VL53L4ED
Ranging performances
DS14256 - Rev 3
page 23/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com