Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L4ED Datasheet(PDF) 17 Page - STMicroelectronics

Part # VL53L4ED
Description  Time-of-Flight high accuracy proximity sensor with extended temperature capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4ED Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VL53L4ED Datasheet HTML 13Page - STMicroelectronics VL53L4ED Datasheet HTML 14Page - STMicroelectronics VL53L4ED Datasheet HTML 15Page - STMicroelectronics VL53L4ED Datasheet HTML 16Page - STMicroelectronics VL53L4ED Datasheet HTML 17Page - STMicroelectronics VL53L4ED Datasheet HTML 18Page - STMicroelectronics VL53L4ED Datasheet HTML 19Page - STMicroelectronics VL53L4ED Datasheet HTML 20Page - STMicroelectronics VL53L4ED Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
5
Thermal characteristics
5.1
Absolute maximum rating (TSTG)
Warning:
Stresses above those listed in the following table may cause permanent damage to the
device. These are stress ratings only. Functional operation of the device is not implied at
these or any other conditions above those indicated in the operational sections of the
specification. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
The storage temperature (TSTG) is the ambient temperature at which the device can be stored with no voltage
applied.
Table 9. Absolute maximum rating conditions
Parameter
Min.
Max.
Unit
Storage temperature (TSTG)
-40
125
°C
5.2
Ambient operating temperature
The ambient operating temperature is the temperature at which the device may be powered and can operate
without any damage.
Table 10. Recommended operating temperature
Parameter
Min.
Max.
Unit
Ambient operating temperature
-40
105
°C
VL53L4ED
Thermal characteristics
DS14256 - Rev 3
page 17/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com