Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L4ED Datasheet(PDF) 28 Page - STMicroelectronics

Part # VL53L4ED
Description  Time-of-Flight high accuracy proximity sensor with extended temperature capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4ED Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VL53L4ED Datasheet HTML 24Page - STMicroelectronics VL53L4ED Datasheet HTML 25Page - STMicroelectronics VL53L4ED Datasheet HTML 26Page - STMicroelectronics VL53L4ED Datasheet HTML 27Page - STMicroelectronics VL53L4ED Datasheet HTML 28Page - STMicroelectronics VL53L4ED Datasheet HTML 29Page - STMicroelectronics VL53L4ED Datasheet HTML 30Page - STMicroelectronics VL53L4ED Datasheet HTML 31Page - STMicroelectronics VL53L4ED Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
9
Field of view and field of illumination
The Rx (or collector) exclusion zone includes all module assembly tolerances and is used to define the cover
glass dimensions. The cover glass opening must be equal to or wider than the exclusion zone.
The detection volume represents the applicative or system FoV in which a target is detected, and a distance
measured. It is determined by the Rx lens or the Rx aperture, and is narrower than the exclusion zone.
Figure 27. System FoV and exclusion zone description (not to scale)
Table 18. FoV angles
Setting
Target at 100 mm (white 88%)
Target at 1000 mm (white 88%)
Detection volume (°)
22°
18°
Collector exclusion cone (°)
25°
25°
Note:
Detection volume depends on the environment and sensor configuration as well as target distance, reflectance,
ambient light level, sensor timing budget, distance mode, and tuning parameters.
Note:
The detection volume of Table 18. FoV angles has been measured with a white 88% reflectance perpendicular
target in full FoV, located at 100 mm and 1000 mm from the sensor, without ambient light (dark conditions),
using the default driver configuration.
The VCSEL FoI is shown in the figure below. The X-axis is 16° and the Y-axis is 16° (1/e²).
Figure 28. VL53L4ED FoI
VL53L4ED
Field of view and field of illumination
DS14256 - Rev 3
page 28/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com