Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L4ED Datasheet(PDF) 2 Page - STMicroelectronics

Part # VL53L4ED
Description  Time-of-Flight high accuracy proximity sensor with extended temperature capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4ED Datasheet(HTML) 2 Page - STMicroelectronics

  VL53L4ED Datasheet HTML 1Page - STMicroelectronics VL53L4ED Datasheet HTML 2Page - STMicroelectronics VL53L4ED Datasheet HTML 3Page - STMicroelectronics VL53L4ED Datasheet HTML 4Page - STMicroelectronics VL53L4ED Datasheet HTML 5Page - STMicroelectronics VL53L4ED Datasheet HTML 6Page - STMicroelectronics VL53L4ED Datasheet HTML 7Page - STMicroelectronics VL53L4ED Datasheet HTML 8Page - STMicroelectronics VL53L4ED Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Description
The VL53L4ED is specifically designed for high-accuracy, short-range measurements requiring extended
temperature capability. It offers an 18° field of view for measurements from 1 mm up to 1300 mm in standard
conditions, and up to 1150 mm under its extended temperature. Special settings also provide an accurate
distance measurement up to 800 mm under ambient light conditions (5 klx).
This sensor has an effective temperature range of -40°C to 105°C, ensuring reliable measurement, even in
extreme temperature conditions. It is the ideal product for industrial devices requiring proximity sensing. Examples
include presence detection and system activation applications. The VL53L4ED is a direct derivative of the
VL53L4CD with which it is pin-to-pin compatible. Its fully embedded on-chip processing helps to reduce design
complexity and BOM cost because less powerful and less expensive microcontrollers can be used.
Like all Time-of-Flight (ToF) sensors based on STMicroelectronics' FlightSense technology, the VL53L4ED
records an absolute distance measurement regardless of the target color and reflectance.
The VL53L4ED is housed in a miniature reflowable package. It integrates a SPAD (single photon avalanche
diode) array, and consequently achieves the best ranging performance in various ambient lighting conditions, for
a wide range of cover glass materials.
This sensor integrates a VCSEL (vertical-cavity surface-emitting laser). It emits a fully invisible 940 nm IR light
that is totally safe for eyes (Class 1 certification).
VL53L4ED
DS14256 - Rev 3
page 2/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com