Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet (PDF) - STMicroelectronics

LSM6DSV320X Datasheet PDF - STMicroelectronics
Part # LSM6DSV320X
Download  LSM6DSV320X Download
File Size   10411.2 Kbytes
Page   212 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection

LSM6DSV320X Datasheet (PDF)

Go To PDF Page Download Datasheet
LSM6DSV320X Datasheet PDF - STMicroelectronics

Part # LSM6DSV320X
Download  LSM6DSV320X Click to download

File Size   10411.2 Kbytes
Page   212 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection

LSM6DSV320X Datasheet (HTML) - STMicroelectronics


LSM6DSV320X Product details

Features
• Quad-channel architecture for UI, EIS, OIS, and high-g data processing
• "Smart, always-aware" experience for system power optimization
• Smart FIFO up to 4.5 KB
• Dual accelerometer channels
– Low-g channel ±2/±4/±8/±16 g full scale
– High-g channel ±32/±64/±128/±256/±320 g full scale
• ±250/±500/±1000/±2000/±4000 dps full scale
• SPI / I²C & MIPI I3C® v1.1 serial interface with main processor data
synchronization
• Auxiliary SPI & MIPI I3C® v1.1 for OIS data output for gyroscope and
accelerometer
• OIS configurable from the auxiliary or primary interface
• EIS dedicated channel on primary interface with dedicated filtering
• Advanced pedometer, step detector, and step counter
• Significant motion detection, tilt detection
• Standard interrupts: free-fall, wake-up, 6D/4D orientation, click and double
click, high-g wake-up and high-g shock
• Programmable finite state machine for accelerometer (high-g & low-g),
gyroscope, and external sensor data processing with high rate @ 960 Hz
• Machine learning core with exportable features and filters for AI applications
• Embedded adaptive self-configuration (ASC)
• Embedded sensor fusion low-power (SFLP) algorithm
• Embedded temperature sensor
• Independent I/O supply
– I²C voltage range: 1.62 V to 3.6 V
– SPI / MIPI I3C® extended voltage range: 1.08 V to 3.6 V
• Supply current
– 6-axis configuration @ 0.67 mA in combo high-performance mode
– 9-axis configuration @ 0.80 mA in combo high-performance mode
• Compact footprint: 2.5 mm x 3 mm x 0.83 mm
• ECOPACK and RoHS compliant

Applications
• IoT and connected devices
• Asset tracking
• Smartphones and handheld devices
• Car crash detection and shock detection
• Wearables
• Motion tracking and gesture detection
• Augmented reality (AR) / virtual reality (VR) / mixed reality (MR) applications
• Indoor navigation
• EIS and OIS for camera applications
• Vibration monitoring and compensation




Similar Part No. - LSM6DSV320X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DSV STMICROELECTRONICS-LSM6DSV Datasheet
4Mb / 187P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
15-Jul-2022
LSM6DSV16BX STMICROELECTRONICS-LSM6DSV16BX Datasheet
4Mb / 148P
iNEMO 3-axis accelerometer and 3-axis gyroscope: inertial module for UI and bone conduction with embedded machine learning core and Qvar specification
06-Jul-2022
LSM6DSV16X STMICROELECTRONICS-LSM6DSV16X Datasheet
5Mb / 196P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
15-Jul-2022
LSM6DSV16X STMICROELECTRONICS-LSM6DSV16X Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
LSM6DSV16XTR STMICROELECTRONICS-LSM6DSV16XTR Datasheet
5Mb / 196P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
15-Jul-2022
More results


Similar Description - LSM6DSV320X

ManufacturerPart #DatasheetDescription
logo
Epson Company
M-G352 EPSON-M-G352 Datasheet
1Mb / 69P
IMU (Inertial Measurement Unit)
M-G362 EPSON-M-G362 Datasheet
1Mb / 69P
IMU (Inertial Measurement Unit)
M-G550-PC EPSON-M-G550-PC Datasheet
215Kb / 2P
IMU (Inertial Measurement Unit)
M-G550-PR EPSON-M-G550-PR Datasheet
208Kb / 2P
IMU (Inertial Measurement Unit)
M-V340 EPSON-M-V340 Datasheet
235Kb / 3P
IMU (Inertial Measurement Unit)
logo
Bosch Sensortec GmbH
BMI260 BOSCH-BMI260 Datasheet
217Kb / 2P
Accurate, low-power Inertial Measurement Unit (IMU)
BMI261 BOSCH-BMI261 Datasheet
291Kb / 2P
Smart Inertial Measurement Unit (IMU) for Android??OS
logo
Honeywell Solid State E...
HG4930 HONEYWELL-HG4930 Datasheet
805Kb / 13P
INERTIAL MEASUREMENT UNIT (IMU)
logo
TDK Electronics
DK-42688-P TDK-DK-42688-P Datasheet
225Kb / 1P
IMU (Inertial Measurement Unit)
logo
Bosch Sensortec GmbH
BHI360 BOSCH-BHI360 Datasheet
2Mb / 139P
Programmable, low power, Inertial Measurement Unit with integrated sensor fusion library
April 01, 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com