Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 4 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 4 Page - STMicroelectronics

  LSM6DSV320X Datasheet HTML 1Page - STMicroelectronics LSM6DSV320X Datasheet HTML 2Page - STMicroelectronics LSM6DSV320X Datasheet HTML 3Page - STMicroelectronics LSM6DSV320X Datasheet HTML 4Page - STMicroelectronics LSM6DSV320X Datasheet HTML 5Page - STMicroelectronics LSM6DSV320X Datasheet HTML 6Page - STMicroelectronics LSM6DSV320X Datasheet HTML 7Page - STMicroelectronics LSM6DSV320X Datasheet HTML 8Page - STMicroelectronics LSM6DSV320X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 212 page
background image
2
Embedded low-power features
The LSM6DSV320X features the following on-chip functions:
•
4.5 KB FIFO data buffering, data can be compressed two or three times
–
100% efficiency with flexible configurations and partitioning
–
Possibility to store timestamp
•
Event-detection interrupts (fully configurable)
–
Free-fall
–
Wake-up
–
6D orientation
–
Click and double-click sensing
–
Activity/inactivity recognition
–
Stationary/motion detection
–
High-g wake-up and high-g shock
•
Specific IP blocks (called "embedded functions") with negligible power consumption and high performance
–
Pedometer functions: step detector and step counters
–
Tilt
–
Significant motion detection
–
Finite state machine (FSM)
–
Machine learning core (MLC) with exportable features and filters for AI applications
–
Adaptive self-configuration (ASC)
–
Embedded sensor fusion low-power (SFLP) algorithm
•
Sensor hub
–
Up to six total sensors: two internal (accelerometer and gyroscope) and four external sensors
2.1
Pedometer functions: step detector and step counters
The LSM6DSV320X embeds an advanced pedometer with an algorithm running in an ultralow-power domain in
order to ensure extensive battery life in battery-constrained applications.
Leveraging enhanced configurability, the advanced embedded pedometer is suitable for a large range of
applications from mobile to wearable devices.
The algorithm processes and analyzes the accelerometer waveform in order to count the user's steps during
walking and running activities.
The pedometer works at 30 Hz and it is not affected by the selected device power mode (ultralow-power, low-
power, high-performance), thus guaranteeing an ultralow-power experience and extreme flexibility in conjunction
with other device functionalities.
The pedometer output can be batched in the device's FIFO buffer, in order to decrease overall system supply
current.
ST freely provides the support and the tools for easily configuring the device and tuning the algorithm
configuration for a best-in-class user experience.
LSM6DSV320X
Embedded low-power features
DS14623 - Rev 1
page 4/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com