Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 3 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 3 Page - STMicroelectronics

  LSM6DSV320X Datasheet HTML 1Page - STMicroelectronics LSM6DSV320X Datasheet HTML 2Page - STMicroelectronics LSM6DSV320X Datasheet HTML 3Page - STMicroelectronics LSM6DSV320X Datasheet HTML 4Page - STMicroelectronics LSM6DSV320X Datasheet HTML 5Page - STMicroelectronics LSM6DSV320X Datasheet HTML 6Page - STMicroelectronics LSM6DSV320X Datasheet HTML 7Page - STMicroelectronics LSM6DSV320X Datasheet HTML 8Page - STMicroelectronics LSM6DSV320X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 212 page
background image
1
Overview
The LSM6DSV320X is a system-in-package IMU featuring a high-performance 3-axis digital low-g accelerometer,
a 3-axis digital high-g accelerometer, and a 3-axis digital gyroscope.
The LSM6DSV320X delivers best-in-class motion sensing that can detect orientation and gestures in order to
empower application developers and consumers with features and capabilities that are more sophisticated than
simply orienting their devices to portrait and landscape mode.
The event-detection interrupts enable efficient and reliable motion tracking and context awareness, implementing
hardware recognition of free-fall events, 6D orientation, click and double-click sensing, activity or inactivity,
stationary/motion detection and wake-up events. Machine learning and finite state machine processing allow
moving some algorithms from the application processor to the LSM6DSV320X sensor, enabling consistent
reduction of power consumption.
The LSM6DSV320X supports the main OS requirements, offering real, virtual, and batch mode sensors. In
particular, the LSM6DSV320X has been designed to implement hardware features such as significant motion
detection, stationary/motion detection, tilt, pedometer functions, timestamping and to support the data acquisition
of external sensors.
The LSM6DSV320X offers hardware flexibility to connect the pins with different mode connections to external
sensors to expand functionalities such as adding a sensor hub, auxiliary SPI, and so forth.
The LSM6DSV320X offers advanced design flexibility for OIS and EIS applications. Both channels have a
dedicated processing path with independent filtering and enhanced EIS channel gyroscope data are read over the
primary interfaces I²C/ MIPI I3C® v1.1 / SPI.
Channel 1 has been designed for user interface data processing for motion tracking. Data are available on the
primary output of I²C / SPI / I3C for the accelerometer and gyroscope with independent ODR and FS.
Channel 2 has been designed for OIS applications. Data are available on the auxiliary SPI or I3C at 7.68 kHz with
accelerometer/gyroscope processing with independent FS at ±2 g to ±16 g (accelerometer) / ±250 dps to ±4000
dps (gyroscope). The accelerometer is also available as standalone with dedicated filtering.
Channel 3 has been designed for enhanced EIS. Data are available in free-run mode in the output registers or in
FIFO with dedicated tag and timestamp.
Channel 4 has been designed for high-g applications with accelerometer processing with independent FS at
±32 g to ±320 g.
Up to 4.5 KB of FIFO with compression and dynamic allocation of significant data (that is, external sensors,
timestamp, and so forth) allows overall power saving of the system.
The LSM6DSV320X embeds a sensor fusion low-power (SFLP) algorithm able to provide a 6-axis (accelerometer
+ gyroscope) game rotation vector represented as a quaternion. The X, Y, Z quaternion components are stored in
FIFO.
Like the entire portfolio of MEMS sensor modules, the LSM6DSV320X leverages the robust and mature in-house
manufacturing processes already used for the production of micromachined accelerometers and gyroscopes. The
various sensing elements are manufactured using specialized micromachining processes, while the IC interfaces
are developed using CMOS technology that allows the design of a dedicated circuit, which is trimmed to better
match the characteristics of the sensing element.
The LSM6DSV320X embeds advanced dedicated features like a finite state machine and data filtering for OIS,
EIS, and motion processing.
The LSM6DSV320X is available in a small plastic, land grid array (LGA) package of 2.5 x 3.0 x 0.83 mm to
address ultracompact solutions.
LSM6DSV320X
Overview
DS14623 - Rev 1
page 3/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com