Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 35 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 31Page - STMicroelectronics LSM6DSV320X Datasheet HTML 32Page - STMicroelectronics LSM6DSV320X Datasheet HTML 33Page - STMicroelectronics LSM6DSV320X Datasheet HTML 34Page - STMicroelectronics LSM6DSV320X Datasheet HTML 35Page - STMicroelectronics LSM6DSV320X Datasheet HTML 36Page - STMicroelectronics LSM6DSV320X Datasheet HTML 37Page - STMicroelectronics LSM6DSV320X Datasheet HTML 38Page - STMicroelectronics LSM6DSV320X Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 212 page
background image
6.4
Gyroscope power modes
In the LSM6DSV320X, the gyroscope can be configured in six different operating modes: power-down mode,
sleep mode, low-power mode, high-performance mode, high-accuracy ODR mode, and ODR-triggered mode.
The operating mode selected depends on the value of the OP_MODE_G_[2:0] bits in CTRL2 (11h).
If the value of the OP_MODE_G_[2:0] bits is 000 (default), high-performance mode is valid for all ODRs (from 7.5
Hz up to 7.68 kHz).
Low-power mode is available for lower ODRs (7.5 Hz, 15 Hz, 30 Hz, 60 Hz, 120 Hz, 240 Hz) and it is enabled by
setting the OP_MODE_G_[2:0] bits to 101.
High-accuracy ODR mode is available for ODR values from 15 Hz up to 7.68 kHz and it is enabled by setting the
OP_MODE_G_[2:0] bits to 001. Refer to Section 6.5: High-accuracy ODR mode for more details.
ODR-triggered mode is available for ODR values from 15 Hz up to 7.68 kHz and it is enabled by setting the
OP_MODE_XL_[2:0] bits to 011. Refer to Section 6.6: ODR-triggered mode for more details
6.5
High-accuracy ODR mode
High-accuracy ODR (HAODR) mode can be enabled to reduce the part-to-part output data rate variation. It
supports both the low-g, high-g accelerometers and the gyroscope. When this mode is used for one sensor
(accelerometers or gyroscope), the other sensor also has to be configured in high-accuracy ODR (HAODR)
mode.
The main high-accuracy ODR features are:
•
Noise level is aligned with high-performance mode
•
The power consumption in HAODR mode depends on the selected ODR and on the enabled sensors. As
an example, at ODR = 960 Hz in combo mode (low-g accelerometer + gyroscope) it increases 20 μA
(typical) compared to high-performance mode. Refer to the application note for more details.
•
The UI channel bandwidth can be selected through the gyroscope LPF1 and accelerometer HPF/LPF2
filters.
•
When HAODR mode is enabled, it is applied to the UI low-g, high-g accelerometers, UI gyroscope, EIS
gyroscope, and temperature. It is not applied to the OIS accelerometer/gyroscope channels.
Note:
HAODR mode has to be enabled / disabled when the device is in power-down mode.
When HAODR mode is enabled, four different sets of ODRs are supported based on the configuration of the
HAODR_SEL_[1:0] bitfield in the HAODR_CFG (62h) register, as shown in the table below.
Note:
High-accuracy ODR mode is not compatible with the activity/inactivity functionality (motion/stationary can be
used).
Table 22. Accelerometer and gyroscope ODR selection in high-accuracy ODR mode
ODR_XL_[3:0]
ODR_G_[3:0]
ODR [Hz]
HAODR_SEL_[1:0] = 00
ODR [Hz]
HAODR_SEL_[1:0] = 01
ODR [Hz]
HAODR_SEL_[1:0] = 10
ODR [Hz]
HAODR_SEL_[1:0] = 11
0000
Power-down
Power-down
Power-down
Power-down
0001
Reserved
Reserved
Reserved
Reserved
0010
Reserved
Reserved
Reserved
Reserved
0011
15
15.625
12.5
13
0100
30
31.25
25
26
0101
60
62.5
50
52
0110
120
125
100
104
0111
240
250
200
208
1000
480
500
400
417
1001
960
1000
800
833
1010
1920
2000
1600
1667
1011
3840
4000
3200
3333
1100
7680
8000
6400
6667
Others
Reserved
Reserved
Reserved
Reserved
LSM6DSV320X
Functionality
DS14623 - Rev 1
page 35/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com