Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 99 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 99 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 95Page - STMicroelectronics LSM6DSV320X Datasheet HTML 96Page - STMicroelectronics LSM6DSV320X Datasheet HTML 97Page - STMicroelectronics LSM6DSV320X Datasheet HTML 98Page - STMicroelectronics LSM6DSV320X Datasheet HTML 99Page - STMicroelectronics LSM6DSV320X Datasheet HTML 100Page - STMicroelectronics LSM6DSV320X Datasheet HTML 101Page - STMicroelectronics LSM6DSV320X Datasheet HTML 102Page - STMicroelectronics LSM6DSV320X Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 212 page
background image
9.60
TAP_CFG0 (56h)
Tap configuration register 0 (R/W)
Table 164. TAP_CFG0 register
0(1)
LOW_PASS_
ON_6D
HW_FUNC_MASK
_XL_SETTL
SLOPE_
FDS
TAP_X_EN
TAP_Y_EN
TAP_Z_EN
LIR
1. This bit must be set to 0 for the correct operation of the device.
Table 165. TAP_CFG0 register description
LOW_PASS_ON_6D
LPF2 filter on 6D function selection. Refer to Figure 31. Default value: 0
(0: ODR/2 low-pass filtered data sent to 6D interrupt function;
1: LPF2 output data sent to 6D interrupt function)
HW_FUNC_MASK_XL_SETTL
Enables masking the execution trigger of the basic interrupt functions (6D/4D, free-fall, wake-
up, tap, activity/inactivity) when accelerometer data are settling. Default value: 0
(0: disabled; 1: enabled)
Note: Refer to the product application note for the details regarding operating/power mode
configurations, settings, turn-on/off time and on-the-fly changes.
SLOPE_FDS
HPF or slope filter selection on wake-up and activity/inactivity functions. Refer to Figure 31.
Default value: 0
(0: slope filter applied; 1: HPF applied)
TAP_X_EN
Enables X direction in tap recognition. Default value: 0
(0: X direction disabled; 1: X direction enabled)
TAP_Y_EN
Enables Y direction in tap recognition. Default value: 0
(0: Y direction disabled; 1: Y direction enabled)
TAP_Z_EN
Enables Z direction in tap recognition. Default value: 0
(0: Z direction disabled; 1: Z direction enabled)
LIR
Latched interrupt. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
LSM6DSV320X
Register description
DS14623 - Rev 1
page 99/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com