Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 41 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 41 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 37Page - STMicroelectronics LSM6DSV320X Datasheet HTML 38Page - STMicroelectronics LSM6DSV320X Datasheet HTML 39Page - STMicroelectronics LSM6DSV320X Datasheet HTML 40Page - STMicroelectronics LSM6DSV320X Datasheet HTML 41Page - STMicroelectronics LSM6DSV320X Datasheet HTML 42Page - STMicroelectronics LSM6DSV320X Datasheet HTML 43Page - STMicroelectronics LSM6DSV320X Datasheet HTML 44Page - STMicroelectronics LSM6DSV320X Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 212 page
background image
•
Mode 3 (for OIS functionality)
Figure 23. Gyroscope digital chain - mode 3 (OIS)
ADC
Digital
LP filter
LPF1_G_OIS_BW_[1:0]
LPF1
SPI / I
2
FIFO
Digital
LP filter
ODR_G_[3:0]
LPF2
Aux. SPI /
ODR gyro
@7.68 kHz
(1) (2)
®
(3)
®
MIPI I3C
C /
Aux. MIPI I3C
1. When the gyroscope OIS or EIS chain is enabled, the LPF1 filter is not available in the gyroscope UI chain.
2. It is recommended to avoid using the LPF1 filter in mode1/2 when the gyroscope OIS or EIS chain is used.
3. When the gyroscope OIS is used, refer to the product application note for the power mode configuration and
settings.
The auxiliary interface needs to be enabled in UI_CTRL1_OIS (70h) / IF2_CTRL1_OIS (70h).
In mode 3 configuration, there are two paths:
•
The chain for user interface (UI) where the ODR is selectable from 7.5 Hz up to 7.68 kHz
•
The chain for OIS where the ODR is at 7.68 kHz and the LPF1 is available. The LPF1 configuration
depends on the setting of the LPF1_G_OIS_BW_[1:0] bits in register UI_CTRL2_OIS (71h) /
IF2_CTRL2_OIS (71h); for more details about the filter characteristics see UI_CTRL2_OIS (71h).
Gyroscope output values are in registers 22h to 27h if read from the auxiliary interfaces or in registers 2Eh
to 33h if read from the primary interface with the selected full scale FS_G_OIS_[1:0] bits in UI_CTRL2_OIS
(71h) / IF2_CTRL2_OIS (71h)).
LSM6DSV320X
Functionality
DS14623 - Rev 1
page 41/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com