Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 2 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 2 Page - STMicroelectronics

  LSM6DSV320X Datasheet HTML 1Page - STMicroelectronics LSM6DSV320X Datasheet HTML 2Page - STMicroelectronics LSM6DSV320X Datasheet HTML 3Page - STMicroelectronics LSM6DSV320X Datasheet HTML 4Page - STMicroelectronics LSM6DSV320X Datasheet HTML 5Page - STMicroelectronics LSM6DSV320X Datasheet HTML 6Page - STMicroelectronics LSM6DSV320X Datasheet HTML 7Page - STMicroelectronics LSM6DSV320X Datasheet HTML 8Page - STMicroelectronics LSM6DSV320X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 212 page
background image
Applications
IoT and connected devices
Asset tracking
Smartphones and handheld devices
Car crash detection and shock detection
Wearables
Motion tracking and gesture detection
Augmented reality (AR) / virtual reality (VR) / mixed reality (MR) applications
Indoor navigation
EIS and OIS for camera applications
Vibration monitoring and compensation
Description
The LSM6DSV320X is a high-end, low-noise, low-power, small IMU, featuring a 3-axis digital low-g accelerometer
at 16 g, a 3-axis digital high-g accelerometer at 320 g, and a 3-axis digital gyroscope, which offers the best IMU
sensor with a quad-channel architecture for processing acceleration and angular rate data on four separate
channels (user interface, OIS, EIS, and high-g accelerometer data) with dedicated configuration, processing, and
filtering along with a dedicated high-g sensor for high-g shock and car crash detection.
The device enables edge computing, leveraging embedded advanced dedicated features such as a finite state
machine (FSM) for configurable motion tracking and a machine learning core (MLC) for context awareness with
exportable AI features for IoT applications.
The LSM6DSV320X supports the adaptive self-configuration (ASC) feature, which allows automatically
reconfiguring the device in real time based on the detection of a specific motion pattern or based on the output of
a specific decision tree configured in the MLC, without any intervention from the host processor.
The device embeds a dedicated accelerometer sensor with an independent channel and filtering for high-g
acceleration detection that perfectly matches shock requirements for sports, concussion detection, shock
detection, and a full range of car crash detection applications.
LSM6DSV320X
DS14623 - Rev 1
page 2/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com