Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 51 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 51 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 47Page - STMicroelectronics LSM6DSV320X Datasheet HTML 48Page - STMicroelectronics LSM6DSV320X Datasheet HTML 49Page - STMicroelectronics LSM6DSV320X Datasheet HTML 50Page - STMicroelectronics LSM6DSV320X Datasheet HTML 51Page - STMicroelectronics LSM6DSV320X Datasheet HTML 52Page - STMicroelectronics LSM6DSV320X Datasheet HTML 53Page - STMicroelectronics LSM6DSV320X Datasheet HTML 54Page - STMicroelectronics LSM6DSV320X Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 212 page
background image
7.3
LSM6DSV320X electrical connections in mode 3
Figure 30. LSM6DSV320X electrical connections in mode 3 (auxiliary 3/4-wire SPI or auxiliary MIPI I3C)
VDDIO
GND
100 nF
C2
SDO/TA0
INT1
11
5
7
12
TOP
VIEW
VDD
INT2
SDO_aux
14
8
4
VDD
GND
100 nF
C1
SDx
SCx
OCS_aux
1
SCL
SDA
VDDIO
Rpu
Rpu
Pull-up to be added
Rpu=10kOhm
I2C configuration
HOST
Camera
module
Mode 3
For accelerometer
and/or
gyroscope data
I2C
SPI (3/4-w)
/
MIPI I3C
/
Auxiliary I3C /
LSM6DSV320X
®
Auxiliary SPI (3/4-wire)
Note:
When mode 3 is used, the pull-up on pins 10 and 11 can be enabled or disabled (refer to Table 25. Internal pin
status). To avoid leakage current, it is not recommended to leave the SPI lines floating (or when the OIS system
is off).
The device core is supplied through the VDD line. Power supply decoupling capacitors (C1, C2 = 100 nF ceramic)
should be placed as near as possible to the supply pin of the device (common design practice).
The functionality of the device is selectable and accessible through the SPI/I²C/MIPI I3C® primary interface.
Measured acceleration/angular rate data is selectable and accessible through the SPI/I²C/MIPI I3C® primary
interface and auxiliary SPI or auxiliary MIPI I3C®
The functions, the threshold, and the timing of the two interrupt pins for each sensor can be completely
programmed by the user through the SPI/I²C/MIPI I3C® interface.
Note:
When mode 3 is used, refer to the product application note for the power mode configuration and settings.
LSM6DSV320X
Application hints
DS14623 - Rev 1
page 51/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com