Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 1 Page - STMicroelectronics

  LSM6DSV320X Datasheet HTML 1Page - STMicroelectronics LSM6DSV320X Datasheet HTML 2Page - STMicroelectronics LSM6DSV320X Datasheet HTML 3Page - STMicroelectronics LSM6DSV320X Datasheet HTML 4Page - STMicroelectronics LSM6DSV320X Datasheet HTML 5Page - STMicroelectronics LSM6DSV320X Datasheet HTML 6Page - STMicroelectronics LSM6DSV320X Datasheet HTML 7Page - STMicroelectronics LSM6DSV320X Datasheet HTML 8Page - STMicroelectronics LSM6DSV320X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 212 page
background image
Features
•
Quad-channel architecture for UI, EIS, OIS, and high-g data processing
•
"Smart, always-aware" experience for system power optimization
•
Smart FIFO up to 4.5 KB
•
Dual accelerometer channels
–
Low-g channel ±2/±4/±8/±16 g full scale
–
High-g channel ±32/±64/±128/±256/±320 g full scale
•
±250/±500/±1000/±2000/±4000 dps full scale
•
SPI / I²C & MIPI I3C® v1.1 serial interface with main processor data
synchronization
•
Auxiliary SPI & MIPI I3C® v1.1 for OIS data output for gyroscope and
accelerometer
•
OIS configurable from the auxiliary or primary interface
•
EIS dedicated channel on primary interface with dedicated filtering
•
Advanced pedometer, step detector, and step counter
•
Significant motion detection, tilt detection
•
Standard interrupts: free-fall, wake-up, 6D/4D orientation, click and double
click, high-g wake-up and high-g shock
•
Programmable finite state machine for accelerometer (high-g & low-g),
gyroscope, and external sensor data processing with high rate @ 960 Hz
•
Machine learning core with exportable features and filters for AI applications
•
Embedded adaptive self-configuration (ASC)
•
Embedded sensor fusion low-power (SFLP) algorithm
•
Embedded temperature sensor
•
Independent I/O supply
–
I²C voltage range: 1.62 V to 3.6 V
–
SPI / MIPI I3C® extended voltage range: 1.08 V to 3.6 V
•
Supply current
–
6-axis configuration @ 0.67 mA in combo high-performance mode
–
9-axis configuration @ 0.80 mA in combo high-performance mode
•
Compact footprint: 2.5 mm x 3 mm x 0.83 mm
•
ECOPACK and RoHS compliant
LSM6DSV320X
LGA-14L
(2.5 x 3.0 x 0.83 mm) typ.
Product status link
LSM6DSV320X
Product summary
Order code
LSM6DSV320XTR
Temp. range [°C]
-40 to +85
Package
LGA-14L
(2.5 x 3.0 x 0.83 mm)
Packing
Tape and reel
Product resources
AN6119 (device application note)
AN6291 (finite state machine)
AN6292 (machine learning core)
TN0018 (design and soldering)
6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI,
and sensor fusion for high-end applications, car crash detection
LSM6DSV320X
Datasheet
DS14623 - Rev 1 - March 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LSM6DSV320X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DSV STMICROELECTRONICS-LSM6DSV Datasheet
4Mb / 187P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
15-Jul-2022
LSM6DSV16BX STMICROELECTRONICS-LSM6DSV16BX Datasheet
4Mb / 148P
iNEMO 3-axis accelerometer and 3-axis gyroscope: inertial module for UI and bone conduction with embedded machine learning core and Qvar specification
06-Jul-2022
LSM6DSV16X STMICROELECTRONICS-LSM6DSV16X Datasheet
5Mb / 196P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
15-Jul-2022
LSM6DSV16X STMICROELECTRONICS-LSM6DSV16X Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
LSM6DSV16XTR STMICROELECTRONICS-LSM6DSV16XTR Datasheet
5Mb / 196P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
15-Jul-2022
More results

Similar Description - LSM6DSV320X

ManufacturerPart #DatasheetDescription
logo
Epson Company
M-G352 EPSON-M-G352 Datasheet
1Mb / 69P
IMU (Inertial Measurement Unit)
M-G362 EPSON-M-G362 Datasheet
1Mb / 69P
IMU (Inertial Measurement Unit)
M-G550-PC EPSON-M-G550-PC Datasheet
215Kb / 2P
IMU (Inertial Measurement Unit)
M-G550-PR EPSON-M-G550-PR Datasheet
208Kb / 2P
IMU (Inertial Measurement Unit)
M-V340 EPSON-M-V340 Datasheet
235Kb / 3P
IMU (Inertial Measurement Unit)
logo
Bosch Sensortec GmbH
BMI260 BOSCH-BMI260 Datasheet
217Kb / 2P
Accurate, low-power Inertial Measurement Unit (IMU)
BMI261 BOSCH-BMI261 Datasheet
291Kb / 2P
Smart Inertial Measurement Unit (IMU) for Android??OS
logo
Honeywell Solid State E...
HG4930 HONEYWELL-HG4930 Datasheet
805Kb / 13P
INERTIAL MEASUREMENT UNIT (IMU)
logo
TDK Electronics
DK-42688-P TDK-DK-42688-P Datasheet
225Kb / 1P
IMU (Inertial Measurement Unit)
logo
Bosch Sensortec GmbH
BHI360 BOSCH-BHI360 Datasheet
2Mb / 139P
Programmable, low power, Inertial Measurement Unit with integrated sensor fusion library
April 01, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com