Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 52 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 52 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 48Page - STMicroelectronics LSM6DSV320X Datasheet HTML 49Page - STMicroelectronics LSM6DSV320X Datasheet HTML 50Page - STMicroelectronics LSM6DSV320X Datasheet HTML 51Page - STMicroelectronics LSM6DSV320X Datasheet HTML 52Page - STMicroelectronics LSM6DSV320X Datasheet HTML 53Page - STMicroelectronics LSM6DSV320X Datasheet HTML 54Page - STMicroelectronics LSM6DSV320X Datasheet HTML 55Page - STMicroelectronics LSM6DSV320X Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 212 page
background image
Table 25. Internal pin status
pin#
Name
Mode 1 function
Mode 2 function
Mode 3 function
Pin status
mode 1
Pin status
mode 2
Pin status
mode 3 - I3C
Pin status
mode 3 - SPI(1)
1
SDO
SPI 4-wire interface serial
data output (SDO)
SPI 4-wire interface serial
data output (SDO)
SPI 4-wire interface serial
data output (SDO)
Default: input without pull-up
Pull-up is enabled if bit SDO_PU_EN = 1 in register PIN_CTRL (02h).
TA0
I²C least significant bit of
the device address (TA0)
MIPI I3C® least significant
bit of the static address
(TA0)
I²C least significant bit of
the device address (TA0)
MIPI I3C® least significant
bit of the static address
(TA0)
I²C least significant bit of
the device address (TA0)
MIPI I3C® least significant
bit of the static address
(TA0)
2
SDx
Connect to VDDIO or GND.
I²C controller serial data
(CSDA)
Auxiliary SPI 3/4-wire
interface serial data input
(SDI_aux) and SPI 3-wire
serial data output
(SDO_aux)
Auxiliary MIPI I3C® serial
data (SDA_I3C_aux)
Default: input without pull-up
Pull-up is enabled if bit SHUB_PU_EN = 1 in register IF_CFG (03h).
3
SCx
Connect to VDDIO or GND.
I²C controller serial clock
(CSCL)
Auxiliary SPI 3/4-wire
interface serial port clock
(SPC_aux)
Auxiliary MIPI I3C® serial
clock (SCL_I3C_aux)
Default: input without pull-up
Pull-up is enabled if bit SHUB_PU_EN = 1 in register IF_CFG (03h).
4
INT1
Programmable interrupt 1
Programmable interrupt 1
Programmable interrupt 1
Default: output forced to ground
5
VDDIO
Power supply for I/O pins
Power supply for I/O pins
Power supply for I/O pins
6
GND
0 V supply
0 V supply
0 V supply
7
GND
0 V supply
0 V supply
0 V supply
8
VDD
Power supply
Power supply
Power supply
9
INT2
Programmable interrupt 2
(INT2)
Programmable interrupt 2
(INT2) / I²C controller
external synchronization
signal (CDRDY)
Programmable interrupt 2
(INT2)
Default: output forced to ground
10
OCS_aux
Connect to VDDIO or
leave unconnected
Connect to VDDIO or
leave unconnected
Auxiliary MIPI I3C® /
Auxiliary SPI mode
selection
(1: Aux. SPI idle mode /
Aux. MIPI I3C®
communication enabled;
0: Aux. SPI communication
mode / Aux. MIPI I3C®
disabled)
Default: input with pull-up
Pull-up is disabled if bit OIS_PU_DIS = 1 in register PIN_CTRL (02h).
Default: input without pull-up
(regardless of the value of bit
OIS_PU_DIS in register
PIN_CTRL (02h))
11
SDO_aux
Connect to VDDIO or
leave unconnected
Connect to VDDIO or
leave unconnected
Auxiliary SPI 3-wire
interface: leave
unconnected / Auxiliary SPI
4-wire interface: serial data
output (SDO_aux) /
Auxiliary MIPI I3C®:
connect to VDDIO or leave
unconnected
Default: input with pull-up
Pull-up is disabled if bit OIS_PU_DIS = 1 in register PIN_CTRL (02h).
Default: input without pull-up
Pull-up is enabled if bit
SIM_OIS = 1 (Aux_SPI 3-wire)
in reg 70h and bit
OIS_PU_DIS = 0 in register
PIN_CTRL (02h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com