Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 61 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 61 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 57Page - STMicroelectronics LSM6DSV320X Datasheet HTML 58Page - STMicroelectronics LSM6DSV320X Datasheet HTML 59Page - STMicroelectronics LSM6DSV320X Datasheet HTML 60Page - STMicroelectronics LSM6DSV320X Datasheet HTML 61Page - STMicroelectronics LSM6DSV320X Datasheet HTML 62Page - STMicroelectronics LSM6DSV320X Datasheet HTML 63Page - STMicroelectronics LSM6DSV320X Datasheet HTML 64Page - STMicroelectronics LSM6DSV320X Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 212 page
background image
9.5
FIFO_CTRL1 (07h)
FIFO control register 1 (R/W)
Table 35. FIFO_CTRL1 register
WTM_7
WTM_6
WTM_5
WTM_4
WTM_3
WTM_2
WTM_1
WTM_0
Table 36. FIFO_CTRL1 register description
WTM_[7:0]
FIFO watermark threshold: 1 LSB = TAG (1 byte) + 1 sensor (6 bytes) written in FIFO.
Watermark flag rises when the number of bytes written in the FIFO is greater than or equal to the threshold level.
9.6
FIFO_CTRL2 (08h)
FIFO control register 2 (R/W)
Table 37. FIFO_CTRL2 register
STOP_ON
_WTM
FIFO_COMPR
_RT_EN
0(1)
ODR_CHG
_EN
0(1)
UNCOMPR
_RATE_1
UNCOMPR
_RATE_0
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 38. FIFO_CTRL2 register description
STOP_ON_WTM
Sensing chain FIFO stop values memorization at threshold level. Default value: 0
(0: FIFO depth is not limited;
1: FIFO depth is limited to threshold level, defined in FIFO_CTRL1 (07h))
FIFO_COMPR_RT_EN(1)
Enables/disables compression algorithm runtime. Default value: 0
(0: FIFO compression algorithm disabled;
1: FIFO compression algorithm enabled)
ODR_CHG_EN
Enables ODR CHANGE virtual sensor to be batched in FIFO. Default value: 0
(0: ODR CHANGE virtual sensor not batched in FIFO;
1: ODR CHANGE virtual sensor batched in FIFO)
Note: Refer to the product application note for the details regarding operating/power mode
configurations, settings, turn-on/off time and on-the-fly changes.
UNCOMPR_RATE_[1:0]
This field configures the compression algorithm to write uncompressed data at each rate.
(0: uncompressed data writing is not forced (default);
1: uncompressed data every 8 batch data rate;
2: uncompressed data every 16 batch data rate;
3: uncompressed data every 32 batch data rate)
1. This bit is activated if the FIFO_COMPR_EN bit of EMB_FUNC_EN_B (05h) is set to 1.
LSM6DSV320X
Register description
DS14623 - Rev 1
page 61/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com