Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 65 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 65 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 61Page - STMicroelectronics LSM6DSV320X Datasheet HTML 62Page - STMicroelectronics LSM6DSV320X Datasheet HTML 63Page - STMicroelectronics LSM6DSV320X Datasheet HTML 64Page - STMicroelectronics LSM6DSV320X Datasheet HTML 65Page - STMicroelectronics LSM6DSV320X Datasheet HTML 66Page - STMicroelectronics LSM6DSV320X Datasheet HTML 67Page - STMicroelectronics LSM6DSV320X Datasheet HTML 68Page - STMicroelectronics LSM6DSV320X Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 212 page
background image
9.11
INT1_CTRL (0Dh)
INT1 pin control register (R/W)
Each bit in this register enables a signal to be carried over INT1 when the MIPI I3C® dynamic address is not
assigned (I²C or SPI is used). Some bits can be also used to trigger an IBI (in-band interrupt) when the MIPI
I3C® interface is used. The output of the pin is the OR combination of the signals selected here and in MD1_CFG
(5Eh).
Table 47. INT1_CTRL register
0(1)
INT1_
CNT_BDR
INT1_
FIFO_FULL
INT1_
FIFO_OVR
INT1_
FIFO_TH
0(1)
INT1_
DRDY_G
INT1_
DRDY_XL
1. This bit must be set to 0 for the correct operation of the device.
Table 48. INT1_CTRL register description
INT1_CNT_BDR
Enables COUNTER_BDR_IA interrupt on INT1 pin. Default value: 0
INT1_FIFO_FULL Enables FIFO full flag interrupt on INT1 pin. It can be also used to trigger an IBI when the MIPI I3C
®
interface is used. Default value: 0
INT1_FIFO_OVR
Enables FIFO overrun interrupt on INT1 pin. It can be also used to trigger an IBI when the MIPI
I3C® interface is used. Default value: 0
INT1_FIFO_TH
Enables FIFO threshold interrupt on INT1 pin. It can be also used to trigger an IBI when the MIPI
I3C® interface is used. Default value: 0
INT1_DRDY_G
Enables gyroscope data-ready interrupt on INT1 pin. It can be also used to trigger an IBI when the MIPI
I3C® interface is used. Default value: 0
INT1_DRDY_XL
Enables accelerometer data-ready interrupt on INT1 pin. It can be also used to trigger an IBI when the
MIPI I3C® interface is used. Default value: 0
LSM6DSV320X
Register description
DS14623 - Rev 1
page 65/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com