Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 59 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 59 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 55Page - STMicroelectronics LSM6DSV320X Datasheet HTML 56Page - STMicroelectronics LSM6DSV320X Datasheet HTML 57Page - STMicroelectronics LSM6DSV320X Datasheet HTML 58Page - STMicroelectronics LSM6DSV320X Datasheet HTML 59Page - STMicroelectronics LSM6DSV320X Datasheet HTML 60Page - STMicroelectronics LSM6DSV320X Datasheet HTML 61Page - STMicroelectronics LSM6DSV320X Datasheet HTML 62Page - STMicroelectronics LSM6DSV320X Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 212 page
background image
9.2
PIN_CTRL (02h)
SDO, OCS_aux, SDO_aux pins pull-up register (R/W). This register is not reset during the software reset
procedure (see bit 0 of the CTRL3 (12h) register).
Table 29. PIN_CTRL register
OIS_
PU_DIS
SDO_
PU_EN
IBHR_
POR_EN
0(1)
0(1)
0(1)
IO_PAD_
STRENGTH_1
IO_PAD_
STRENGTH_0
1. This bit must be set to 0 for the correct operation of the device.
Table 30. PIN_CTRL register description
OIS_PU_DIS
Disables pull-up on both OCS_aux and SDO_aux pins (for mode 1 and mode 2). For further
details about the configuration of the pull-up resistors in mode 3, refer to Table 25. Default value: 0
(0: OCS_aux and SDO_aux pins with pull-up;
1: OCS_aux and SDO_aux pins pull-up disconnected)
SDO_PU_EN
Enables pull-up on SDO pin. For details, refer to Table 25. Default value: 0
(0: SDO pin pull-up disconnected; 1: SDO pin with pull-up)
IBHR_POR_EN
Selects the action that the device performs after "reset whole chip" I3C pattern. Default value: 1
(0: configuration reset (software reset + dynamic address reset);
(1: global reset (POR reset))
IO_PAD_STRENGTH[1:0]
Defines the drive strength for the interrupt pads. Default value: 11
(00: lowest strength (recommended for VDDIO ≥ 3.0 V);
01: intermediate strength (recommended for VDDIO ≥ 2.0 V and VDDIO < 3 V);
10: reserved (do not use);
11: highest strength (recommended for VDDIO < 2 V))
LSM6DSV320X
Register description
DS14623 - Rev 1
page 59/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com