Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 29 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 25Page - STMicroelectronics LSM6DSV320X Datasheet HTML 26Page - STMicroelectronics LSM6DSV320X Datasheet HTML 27Page - STMicroelectronics LSM6DSV320X Datasheet HTML 28Page - STMicroelectronics LSM6DSV320X Datasheet HTML 29Page - STMicroelectronics LSM6DSV320X Datasheet HTML 30Page - STMicroelectronics LSM6DSV320X Datasheet HTML 31Page - STMicroelectronics LSM6DSV320X Datasheet HTML 32Page - STMicroelectronics LSM6DSV320X Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 212 page
background image
Command
Command code
Default
Description
GETMRL
0x8C
0x00
0x10
0x0A
(3 byte)
Get maximum read length during private read
GETPID
0x8D
0x02
0x08
0x00
0x73
0x92
0x0B
SDO = 1
0x02
0x08
0x00
0x73
0x12
0x0B
SDO = 0
GETBCR
0x8E
0x27
(1 byte)
Bus characteristics register
GETDCR
0x8F
0x44 default
MIPI I3C® device characteristics register
GETSTATUS
0x90
0x00
0x00
(2 byte)
Status register
GETMXDS
0x94
0x08
0x60
Return max write and read speed
GETCAPS
0x95
0x00
0x11
0x18
0x00
Provide information about device capabilities and supported extended features
SETGRPA
0x9B
Group address assignment command
RSTGRPA
0x2C / 0x9C
Reset the group address
RSTACT
0x9A / 0x2A
Configure target reset action
5.2.3
Overview of antispike filter management
The device acts as a standard I²C target as long as it has an I²C static address. The device is capable of
detecting and disabling the I²C antispike filter after detecting the broadcast address (7'h7E/W). In order to
guarantee proper behavior of the device, the I3C controller must emit the first START, 7'h7E/W at open-drain
speed using I²C fast mode plus reference timing.
After detecting the broadcast address, the device can receive the I3C dynamic address following the I3C push-
pull timing. If the device is not assigned a dynamic address, then the device continues to operate as an I²C device
with no antispike filter. For the case in which the host decides to keep the device as I²C with an antispike filter,
there is a configuration required to keep the antispike filter active. This configuration is done by writing the
ASF_CTRL bit to 1 in the IF_CFG (03h) register. This configuration forces the antispike filter to always be turned
on instead of being managed by the communication on the bus.
LSM6DSV320X
Digital interfaces
DS14623 - Rev 1
page 29/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com