Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 40 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 40 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 36Page - STMicroelectronics LSM6DSV320X Datasheet HTML 37Page - STMicroelectronics LSM6DSV320X Datasheet HTML 38Page - STMicroelectronics LSM6DSV320X Datasheet HTML 39Page - STMicroelectronics LSM6DSV320X Datasheet HTML 40Page - STMicroelectronics LSM6DSV320X Datasheet HTML 41Page - STMicroelectronics LSM6DSV320X Datasheet HTML 42Page - STMicroelectronics LSM6DSV320X Datasheet HTML 43Page - STMicroelectronics LSM6DSV320X Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 212 page
background image
6.7.2
Block diagrams of the gyroscope filters
In the LSM6DSV320X, the gyroscope filtering chain depends on the mode configuration:
•
Mode 1 (for user interface (UI) and electronic image stabilization (EIS) functionality through the primary
interface) and mode 2
Figure 22. Gyroscope digital chain - mode 1 (UI/EIS) and mode 2
ADC
LPF1_G_EN
Digital
LP filter
LPF1_G_BW_[2:0]
LPF1
0
1
SPI / I2C /
MIPI I3C
FIFO
Digital
LP filter
ODR_G_[3:0]
LPF2
(1)(2)
FSM / MLC
®
1. When the gyroscope OIS or EIS chain is enabled, the LPF1 filter is not available in the gyroscope UI chain. It
is recommended to avoid using the LPF1 filter in the gyroscope UI chain when the gyroscope OIS or EIS is
used.
2. The LPF1 filter is available in high-performance mode only. If the gyroscope is configured in low-power mode,
the LPF1 filter is bypassed.
In this configuration, the gyroscope ODR is selectable from 7.5 Hz up to 7.68 kHz. A low-pass filter (LPF1) is
available, for more details about the filter characteristics see Table 66. Gyroscope LPF1 + LPF2 bandwidth
selection.
The digital LPF2 filter's cutoff frequency depends on the selected gyroscope ODR, as indicated in the following
table.
Table 23. Gyroscope LPF2 bandwidth selection
Gyroscope ODR [Hz]
LPF2 cutoff [Hz]
7.5
3.4
15
6.6
30
13.0
60
24.6
120
49.4
240
96
480
187
960
342
1.92 kHz
491
3.84 kHz
528
7.68 kHz
537
Note:
Data can be acquired from the output registers and FIFO over the primary I²C/MIPI I3C®/SPI interface.
LSM6DSV320X
Functionality
DS14623 - Rev 1
page 40/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com