Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 43 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 43 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 39Page - STMicroelectronics LSM6DSV320X Datasheet HTML 40Page - STMicroelectronics LSM6DSV320X Datasheet HTML 41Page - STMicroelectronics LSM6DSV320X Datasheet HTML 42Page - STMicroelectronics LSM6DSV320X Datasheet HTML 43Page - STMicroelectronics LSM6DSV320X Datasheet HTML 44Page - STMicroelectronics LSM6DSV320X Datasheet HTML 45Page - STMicroelectronics LSM6DSV320X Datasheet HTML 46Page - STMicroelectronics LSM6DSV320X Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 212 page
background image
6.9
OIS
This section describes OIS functionality. There is a dedicated gyroscope and accelerometer DSP for OIS.
The device also supports self-test functionality on the OIS side.
6.9.1
Enabling OIS functionality and configuration options
There are two different ways in order to enable and configure the OIS functionality:
•
Auxiliary interface full control: enabling and configuration done from the auxiliary SPI / MIPI I3C®
•
Primary interface full control: enabling and configuration done from the primary interface
The configurations that allow selecting these two different options are done using the OIS_CTRL_FROM_UI bit in
the FUNC_CFG_ACCESS (01h) register as described in the following table.
Table 24. OIS configurations
OIS_CTRL_FROM_UI
OIS configuration option
0
Auxiliary SPI / auxiliary MIPI I3C® full control
1
Primary interface full control
LSM6DSV320X
Functionality
DS14623 - Rev 1
page 43/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com