Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 30 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 26Page - STMicroelectronics LSM6DSV320X Datasheet HTML 27Page - STMicroelectronics LSM6DSV320X Datasheet HTML 28Page - STMicroelectronics LSM6DSV320X Datasheet HTML 29Page - STMicroelectronics LSM6DSV320X Datasheet HTML 30Page - STMicroelectronics LSM6DSV320X Datasheet HTML 31Page - STMicroelectronics LSM6DSV320X Datasheet HTML 32Page - STMicroelectronics LSM6DSV320X Datasheet HTML 33Page - STMicroelectronics LSM6DSV320X Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 212 page
background image
5.3
Auxiliary MIPI I3C® target interface
The LSM6DSV320X interface includes an auxiliary MIPI I3C® SDR-only target interface (compliant with release
1.1 of the specification) with MIPI I3C® SDR embedded features:
•
CCC command
•
Direct CCC communication (SET and GET)
•
Broadcast CCC communication
•
Private communications
•
Private read and write for single byte
•
Multiple read and write
•
In-band interrupt request
•
Target reset pattern (peripheral reset only)
•
Group address
•
Full range VDDIO support
•
Error detection and recovery methods (S0-S6)
In order to disable the MIPI I3C® auxiliary block, IF2_SPI_READ_EN = 1 must be written in IF2_CTRL1_OIS
(70h).
Table 18. MIPI I3C® CCC commands
Command
Command code Default Description
ENTDAA
0x07
DAA procedure
SETDASA
0x87
Assign dynamic address using static address 0x6C/0x6D depending on the
IF2_TA0_PID(TA0_aux) bit in CTRL5 (14h)
ENEC
0x80/0x00
Target activity control (direct and broadcast)
DISEC
0x81/0x01
Target activity control (direct and broadcast)
ENTAS0
0x82/0x02
Enter activity state (direct and broadcast)
RSTDAA
0x06
Reset the assigned dynamic address (broadcast only)
SETMWL
0x89/0x08
Define maximum write length during private write (direct and broadcast)
SETMRL
0x8A/0x09
Define maximum read length during private read (direct and broadcast)
SETNEWDA
0x88
Change dynamic address
GETMWL
0x8B
0x00
0x08
(2 byte)
Get maximum write length during private write
GETMRL
0x8C
0x00
0x10
0x0D
(3 byte)
Get maximum read length during private read
GETPID
0x8D
0x02
0x08
0x00
0x73
0xB2
0x0B
AUX_PID = 1 in CTRL5 (14h)
LSM6DSV320X
Digital interfaces
DS14623 - Rev 1
page 30/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com