Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 44 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 44 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 40Page - STMicroelectronics LSM6DSV320X Datasheet HTML 41Page - STMicroelectronics LSM6DSV320X Datasheet HTML 42Page - STMicroelectronics LSM6DSV320X Datasheet HTML 43Page - STMicroelectronics LSM6DSV320X Datasheet HTML 44Page - STMicroelectronics LSM6DSV320X Datasheet HTML 45Page - STMicroelectronics LSM6DSV320X Datasheet HTML 46Page - STMicroelectronics LSM6DSV320X Datasheet HTML 47Page - STMicroelectronics LSM6DSV320X Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 212 page
background image
6.9.1.1
Auxiliary SPI and auxiliary MIPI I3C® full control
This is the default condition of the device. The camera module is completely independent from the application
processor as shown in Figure 26.
The auxiliary interface can configure OIS functionality through IF2_INT_OIS (6Fh), IF2_CTRL1_OIS (70h),
IF2_CTRL2_OIS (71h), IF2_CTRL3_OIS (72h).
By default, writing using the auxiliary SPI and writing/reading over the I3C are enabled. The IF2_SPI_READ_EN
bit in the IF2_CTRL1_OIS (70h) register must be set to 1 to enable reading over the auxiliary SPI. When
IF2_SPI_READ_EN is set to 1, the auxiliary I3C target is disabled also.
The primary interface can access the OIS control registers (UI_INT_OIS (6Fh), UI_CTRL1_OIS (70h),
UI_CTRL2_OIS (71h), UI_CTRL3_OIS (72h)) in read mode.
Figure 26. Auxiliary interface full control
6x
UI/OIS
AP
I3C/SPI/I2C
Camera module
OIS driver
Image
sensor
Actuator
Auxiliary SPI /
Auxiliary I3C
LSM6DSV320X
Functionality
DS14623 - Rev 1
page 44/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com