Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 34 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 30Page - STMicroelectronics LSM6DSV320X Datasheet HTML 31Page - STMicroelectronics LSM6DSV320X Datasheet HTML 32Page - STMicroelectronics LSM6DSV320X Datasheet HTML 33Page - STMicroelectronics LSM6DSV320X Datasheet HTML 34Page - STMicroelectronics LSM6DSV320X Datasheet HTML 35Page - STMicroelectronics LSM6DSV320X Datasheet HTML 36Page - STMicroelectronics LSM6DSV320X Datasheet HTML 37Page - STMicroelectronics LSM6DSV320X Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 212 page
background image
6.3
High-g accelerometer
In the LSM6DSV320X, the high-g accelerometer can be configured with different ODRs from 480 Hz up to
7.68 kHz.
When the high-g accelerometer is used, the low-g accelerometer must be configured in high-performance mode
or in high-accuracy ODR mode. In these configurations, antialiasing is enabled. The ODRs are independent
between the low-g and high-g accelerometers.
There are no limitations on the selectable operating mode of the gyroscope when the high-g channel is enabled.
Table 21. High-g accelerometer compatibility with low-g accelerometer operating modes and ODRs
Low-g accelerometer modes
Low-g accelerometer ODR_XL
High-g compatibility
High-performance
All
Y
High-accuracy ODR
All
Y
Low-power
All
N
Normal mode
All
N
ODR-triggered
All
N
Figure 17. High-g accelerometer filter
ADC with
antialiasing
LPF1
HG USER
OFFSET
FIFO
SPI
I2C
MIPI I3C®
To interrupt
functions
HG_USR_OFF_ON_OUT
HG_USR_OFF_ON_WU
HG_USR_OFF_ON_EMB_FUNC
ODR_XL_HG[2:0]
0
0
0
1
1
1
To advanced
functions
LSM6DSV320X
Functionality
DS14623 - Rev 1
page 34/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com