Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 101 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 101 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 97Page - STMicroelectronics LSM6DSV320X Datasheet HTML 98Page - STMicroelectronics LSM6DSV320X Datasheet HTML 99Page - STMicroelectronics LSM6DSV320X Datasheet HTML 100Page - STMicroelectronics LSM6DSV320X Datasheet HTML 101Page - STMicroelectronics LSM6DSV320X Datasheet HTML 102Page - STMicroelectronics LSM6DSV320X Datasheet HTML 103Page - STMicroelectronics LSM6DSV320X Datasheet HTML 104Page - STMicroelectronics LSM6DSV320X Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 212 page
background image
9.63
TAP_THS_6D (59h)
Portrait/landscape position and tap function threshold register (R/W)
Table 171. TAP_THS_6D register
D4D_EN
SIXD_THS_1 SIXD_THS_0
TAP_
THS_Z_4
TAP_
THS_Z_3
TAP_
THS_Z_2
TAP_
THS_Z_1
TAP_
THS_Z_0
Table 172. TAP_THS_6D register description
D4D_EN
Enables 4D orientation detection. Z-axis position detection is disabled. Default value: 0
(0: disabled; 1: enabled)
SIXD_THS_[1:0]
Threshold for 4D/6D function. Default value: 00
For details, refer to Table 173.
TAP_THS_Z_[4:0]
Z-axis recognition threshold. Default value: 0
1 LSB = FS_XL / (25)
Table 173. Threshold for D4D/D6D function
SIXD_THS_[1:0]
Threshold value
00
80 degrees
01
70 degrees
10
60 degrees
11
50 degrees
LSM6DSV320X
Register description
DS14623 - Rev 1
page 101/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com