Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3532 Datasheet (PDF) - Texas Instruments

LM3532 Datasheet PDF - Texas Instruments
Part # LM3532
Download  LM3532 Download
File Size   692.38 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface

LM3532 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3532 Datasheet PDF - Texas Instruments

Part # LM3532
Download  LM3532 Click to download

File Size   692.38 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface

LM3532 Datasheet (HTML) - Texas Instruments


LM3532 Product details

1 Features
1• Drives up to 3 Parallel High-Voltage LED Strings
at 40 V Each With up to 90% Efficiency
• 0.4% Typical Current Matching Between Strings
• 256 Level Logarithmic and Linear Brightness
Control With 14-Bit Equivalent Dimming
• I2C-Compatible Interface
• Direct Read Back of Ambient Light Sensor Via
8-bit ADC
• Programmable Dual Ambient Light Sensor Inputs
With Internal Sensor Gain Selection
• Dual External PWM Inputs for LED Brightness
Adjustment
• Independent Current String Brightness Control
• Programmable LED Current Ramp Rates
• 40-V Overvoltage Protection
• 1-A Typical Current Limit

2 Applications
• Power Source for White LED Backlit LCD Displays
• Programmable Keypad Backlight

3 Description
The LM3532 is a 500-kHz fixed frequency
asynchronous boost converter which provides the
power for 3 high-voltage, low-side current sinks. The
device is programmable over an I2C-compatible
interface and has independent current control for all
three channels. The adaptive current regulation
method allows for different LED currents in each
current sink thus allowing for a wide variety of
backlight and keypad applications.
The main features of the LM3532 include dual ambient light sensor inputs each with 32 internal
voltage setting resistors, 8-bit logarithmic and linear
brightness control, dual external PWM brightness
control inputs, and up to 1000:1 dimming ratio with
programmable fade in and fade out settings.
The LM3532 is available in a 16-pin, 0.4-mm pitch
thin DSBGA package. The device operates over a
2.7-V to 5.5-V input voltage range and the −40°C to
+85°C temperature range.




Similar Part No. - LM3532

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3532 TI1-LM3532 Datasheet
1Mb / 45P
High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
LM3532TME-40A/NOPB TI1-LM3532TME-40A/NOPB Datasheet
1Mb / 47P
LM3532 High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
LM3532TME-40ANOPB TI1-LM3532TME-40ANOPB Datasheet
1Mb / 45P
High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
LM3532TMX-40A/NOPB TI1-LM3532TMX-40A/NOPB Datasheet
1Mb / 47P
LM3532 High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
LM3532TMX-40ANOPB TI1-LM3532TMX-40ANOPB Datasheet
1Mb / 45P
High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
More results


Similar Description - LM3532

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCF03 STMICROELECTRONICS-STCF03 Datasheet
532Kb / 35P
High power white LED driver with I2C??interface
12-Sep-2007
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
White LED Driver with I2C Compatible Interface
logo
ON Semiconductor
NCP5021 ONSEMI-NCP5021 Datasheet
357Kb / 17P
High Voltage White LED Driver with Ambient Light Sensing
May, 2009 ??Rev. 0
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
logo
National Semiconductor ...
LM3530 NSC-LM3530 Datasheet
331Kb / 4P
High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C Compatible Interface
logo
Texas Instruments
LM3532 TI1-LM3532 Datasheet
1Mb / 45P
High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
LM3532 TI1-LM3532_13 Datasheet
1Mb / 47P
LM3532 High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
LM27966 White LED Driver with I2C Compatible Interface
logo
Vishay Siliconix
VEML6030 VISHAY-VEML6030_V01 Datasheet
232Kb / 14P
High Accuracy Ambient Light Sensor With I2C Interface
28-Apr-2022
VEML6031X00 VISHAY-VEML6031X00_V02 Datasheet
244Kb / 14P
High Accuracy Ambient Light Sensor With I2C Interface
15-Oct-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com