Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3532 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3532 Datasheet HTML 2Page - Texas Instruments LM3532 Datasheet HTML 3Page - Texas Instruments LM3532 Datasheet HTML 4Page - Texas Instruments LM3532 Datasheet HTML 5Page - Texas Instruments LM3532 Datasheet HTML 6Page - Texas Instruments LM3532 Datasheet HTML 7Page - Texas Instruments LM3532 Datasheet HTML 8Page - Texas Instruments LM3532 Datasheet HTML 9Page - Texas Instruments LM3532 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
LM3532
SNVS653E – JULY 2011 – REVISED AUGUST 2015
www.ti.com
Electrical Characteristics (continued)
Minimum and maximum limits apply over the full operating ambient temperature range (
−40°C ≤ TA ≤ +85°C), typical limits are
for TA = 25°C, and VIN = 3.6 V, unless otherwise specified.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC INPUTS/OUTPUTS (PWM1, PWM2, HWEN, SCL, SDA, INT)
VIL
Input logic low
2.7 V
≤ VIN ≤ 5.5 V
0
0.4
V
VIH
Input logic high
2.7 V
≤ VIN ≤ 5.5 V
1.2
VIN
VOL
Output logic low (SCL, INT)
2.7 V
≤ VIN ≤ 5.5 V, ILOAD = 3 mA
0.4
V
PWM input internal pulldown
RPWM
100
k
Ω
resistance (PWM1, PWM2)
AMBIENT LIGHT SENSOR INPUTS (ALS1, ALS2)
ALS1, ALS2 Resistor Select
2.44
Register = 0x0F, 2.7 V
≤ VIN ≤ 5.5 V
RALS1,
ALS pin internal pulldown resistors
k
Ω
RALS2
ALS1, ALS2 Resistor Select
2.29
2.59
Register = 0x0F, 2.7 V
≤ VIN ≤ 5.5 V
2.7 V
≤ VIN ≤ 5.5 V
2
Ambient light sensor reference
VALS_REF
V
voltage
2.7 V
≤ VIN ≤ 5.5 V
1.94
2.06
2.7 V
≤ VIN ≤ 5.5 V
2.5
ALS input offset voltage
VOS
mV
(Code 0-to-1 transition – VLSB)
2.7 V
≤ VIN ≤ 5.5 V
0.8
4.2
tCONV
Conversion time
154
µs
LSB
ADC resolution
2.7V
≤ VIN ≤ 5.5V
7.84
mV
6.6 I
2C-Compatible Timing Specifications (SCL, SDA)
See
(1)
MIN
NOM
MAX
UNIT
t1
SCL (clock period)
2.5
µs
t2
Data In setup time to SCL high
100
ns
t3
Data out stable after SCL low
0
ns
t4
SDA low setup time to SCL low (start)
100
ns
t5
SDA high hold time after SCL high (stop)
100
ns
(1)
SCL and SDA must be glitch-free in order for proper brightness control to be realized.
6.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
2.7 V
≤ VIN ≤ 5.5 V
500
ƒSW
Switching frequency
kHz
2.7 V
≤ VIN ≤ 5.5 V
450
550
−40°C ≤ TA ≤ 85°C
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com